Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 36 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 36 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 32Page - Samsung semiconductor S3C2440X Datasheet HTML 33Page - Samsung semiconductor S3C2440X Datasheet HTML 34Page - Samsung semiconductor S3C2440X Datasheet HTML 35Page - Samsung semiconductor S3C2440X Datasheet HTML 36Page - Samsung semiconductor S3C2440X Datasheet HTML 37Page - Samsung semiconductor S3C2440X Datasheet HTML 38Page - Samsung semiconductor S3C2440X Datasheet HTML 39Page - Samsung semiconductor S3C2440X Datasheet HTML 40Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-36
Table 1-4. S3C2440X Special Registers (Sheet 10 of 14))
Register Name
Address
(B. Endian)
Address
(L. Endian)
Acc.
Unit
Read/W
rite
Function
USB Device
FUNC_ADDR_REG
0x52000143
0x52000140
B
R/W
Function Address
PWR_REG
0x52000147
0x52000144
Power Management
EP_INT_REG
0x5200014B
0x52000148
EP Interrupt Pending and Clear
USB_INT_REG
0x5200015B
0x52000158
USB Interrupt Pending and Clear
EP_INT_EN_REG
0x5200015F
0x5200015C
Interrupt Enable
USB_INT_EN_REG
0x5200016F
0x5200016C
Interrupt Enable
FRAME_NUM1_REG
0x52000173
0x52000170
R
Frame Number Lower Byte
FRAME_NUM2_REG
0x52000177
0x52000174
Frame Number Higher Byte
INDEX_REG
0x5200017B
0x52000178
R/W
Register Index
EP0_CSR
0x52000187
0x52000184
Endpoint 0 Status
IN_CSR1_REG
0x52000187
0x52000184
In Endpoint Control Status
IN_CSR2_REG
0x5200018B
0x52000188
In Endpoint Control Status
MAXP_REG
0x52000183
0x52000180
Endpoint Max Packet
OUT_CSR1_REG
0x52000193
0x52000190
Out Endpoint Control Status
OUT_CSR2_REG
0x52000197
0x52000194
Out Endpoint Control Status
OUT_FIFO_CNT1_REG
0x5200019B
0x52000198
R
Endpoint Out Write Count
OUT_FIFO_CNT2_REG
0x5200019F
0x5200019C
Endpoint Out Write Count
EP0_FIFO
0x520001C3
0x520001C0
R/W
Endpoint 0 FIFO
EP1_FIFO
0x520001C7
0x520001C4
Endpoint 1 FIFO
EP2_FIFO
0x520001CB
0x520001C8
Endpoint 2 FIFO
EP3_FIFO
0x520001CF
0x520001CC
Endpoint 3 FIFO
EP4_FIFO
0x520001D3
0x520001D0
Endpoint 4 FIFO
EP1_DMA_CON
0x52000203
0x52000200
EP1 DMA Interface Control
EP1_DMA_UNIT
0x52000207
0x52000204
EP1 DMA Tx Unit Counter
EP1_DMA_FIFO
0x5200020B
0x52000208
EP1 DMA Tx FIFO Counter
EP1_DMA_TTC_L
0x5200020F
0x5200020C
EP1 DMA Total Tx Counter
EP1_DMA_TTC_M
0x52000213
0x52000210
EP1 DMA Total Tx Counter
EP1_DMA_TTC_H
0x52000217
0x52000214
EP1 DMA Total Tx Counter


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com