Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 32 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 28Page - Samsung semiconductor S3C2440X Datasheet HTML 29Page - Samsung semiconductor S3C2440X Datasheet HTML 30Page - Samsung semiconductor S3C2440X Datasheet HTML 31Page - Samsung semiconductor S3C2440X Datasheet HTML 32Page - Samsung semiconductor S3C2440X Datasheet HTML 33Page - Samsung semiconductor S3C2440X Datasheet HTML 34Page - Samsung semiconductor S3C2440X Datasheet HTML 35Page - Samsung semiconductor S3C2440X Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-32
Table 1-4. S3C2440X Special Registers (Sheet 6 of 14)
Register
Name
Address
(B. Endian)
Address
(L. Endian)
Acc.
Unit
Read/
Write
Function
Camera Interface
ASIZE
0x4F000000
W
W
A-port Image Size
STAY1
0x4F000004
R/W
Y start address for 1
st ping-pong memory of A-
port Image
STAY2
0x4F000008
Y start address for 2
nd ping-pong memory of A-
port Image
STAY3
0x4F00000C
Y start address for 3
rd ping-pong memory of A-
port Image
STAY4
0x4F000010
Y start address for 4
th ping-pong memory of A-
port Image
AYBURST
0x4F000014
W
A-port Image Y data burst length
ACBBURST
0x4F000018
A-port Image Cb data burst length
ACRBURST
0x4F00001C
A-port Image Cr data burst length
BSIZE
0x4F000020
B-port Image Size
STBY1
0x4F000024
Y start address for 1
st ping-pong memory of B-
port Image
STBY2
0x4F000028
Y start address for 2
nd ping-pong memory of B-
port Image
STBY3
0x4F00002C
Y start address for 3
rd ping-pong memory of B-
port Image
STBY4
0x4F000030
Y start address for 4
th ping-pong memory of B-
port Image
BYBURST
0x4F000034
B-port Image Y data burst length
BCBBURST
0x4F000038
B-port Image Cb data burst length
BCRBURST
0x4F00003C
B-port Image Cr data burst length
ADISTWIDTH
0x4F000040
A Last HREF Distance Width
BDISTWIDTH
0x4F000044
B Last HREF Distance Width
YRATIO
0x4F00004C
Y Scale Ratio
CRATIO
0x4F000050
C Scale Ratio
YORIGINAL
0x4F000054
Y Original Size
CORIGINAL
0x4F00005C
C Original Size
STACB1
0x4F000074
A Cb 1 Start Address
STACB2
0x4F000078
A Cb 2 Start Address
STACB3
0x4F00007C
A Cb 3 Start Address
STACB4
0x4F000080
A Cb 4 Start Address


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com