Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 3 Page - Samsung semiconductor

  S3C2440X Datasheet HTML 1Page - Samsung semiconductor S3C2440X Datasheet HTML 2Page - Samsung semiconductor S3C2440X Datasheet HTML 3Page - Samsung semiconductor S3C2440X Datasheet HTML 4Page - Samsung semiconductor S3C2440X Datasheet HTML 5Page - Samsung semiconductor S3C2440X Datasheet HTML 6Page - Samsung semiconductor S3C2440X Datasheet HTML 7Page - Samsung semiconductor S3C2440X Datasheet HTML 8Page - Samsung semiconductor S3C2440X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X
PRODUCT OVERVIEW
1-3
FEATURES (Continued)
Interrupt Controller
59 Interrupt sources
(One Watch dog timer, 5 timers, 9 UARTs, 24
external interrupts, 4 DMA, 2 RTC, 2 ADC, 1 IIC,
2SPI,1 SDI, 2USB,1LCD, 1Battery Fault, 1
NAND and 2 Camera)
Level/Edge mode on external interrupt source
Programmable polarity of edge and level
Supports Fast Interrupt request (FIQ) for very
urgent interrupt request
Timer with Pulse Width Modulation (PWM)
4-ch 16-bit Timer with PWM / 1-ch 16-bit internal
timer with DMA-based or interrupt-based
operation
Programmable duty cycle, frequency, and polarity
Dead-zone generation
Supports external clock sources
RTC (Real Time Clock)
Full clock feature: msec, second, minute, hour,
date, day, month, and year
32.768 KHz operation
Alarm interrupt
Time tick interrupt
General Purpose Input/Output Ports
24 external interrupt ports
Multiplexed input/output ports
UART
3-channel UART with DMA-based or interrupt-
based operation
Supports 5-bit, 6-bit, 7-bit, or 8-bit serial data
transmit/receive (Tx/Rx)
Supports external clocks for the UART operation
(UARTCLK)
Programmable baud rate
Supports IrDA 1.0
Loopback mode for testing
Each channel has internal 64-byte Tx FIFO and
64-byte Rx FIFO.
DMA Controller
4-ch DMA controller
Supports memory to memory, IO to memory,
memory to IO, and IO to IO transfers
Burst transfer mode to enhance the transfer rate
A/D Converter & Touch Screen Interface
8-ch multiplexed ADC
Max. 500KSPS and 10-bit Resolution
Internal FET for direct Touch screen interface
LCD Controller STN LCD Displays Feature
Supports 3 types of STN LCD panels: 4-bit dual
scan, 4-bit single scan, 8-bit single scan display
type
Supports monochrome mode, 4 gray levels, 16
gray levels, 256 colors and 4096 colors for STN
LCD
Supports multiple screen size
Maximum screen size: 2048x1024
Recommended screen size: max 800x600
Maximum virtual screen size is 4 Mbytes.
Maximum virtual screen size in 256 color mode:
4096x1024, 2048x2048, 1024x4096 and others
TFT(Thin Film Transistor) Color Displays Feature
Supports 1, 2, 4 or 8 bpp (bit-per-pixel) palette
color displays for color TFT
Supports 16 bpp non-palette true-color displays
for color TFT
Supports maximum 16M color TFT at 24 bpp
mode
Supports multiple screen size
Maximum screen size: 2048x1024
Recommended screen size: max 800x600
Maximum virtual screen size is 4Mbytes.
Maximum virtual screen size in 64K color mode:
2048x1024, and others


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com