Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 25 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 21Page - Samsung semiconductor S3C2440X Datasheet HTML 22Page - Samsung semiconductor S3C2440X Datasheet HTML 23Page - Samsung semiconductor S3C2440X Datasheet HTML 24Page - Samsung semiconductor S3C2440X Datasheet HTML 25Page - Samsung semiconductor S3C2440X Datasheet HTML 26Page - Samsung semiconductor S3C2440X Datasheet HTML 27Page - Samsung semiconductor S3C2440X Datasheet HTML 28Page - Samsung semiconductor S3C2440X Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X
PRODUCT OVERVIEW
1-25
Table 1-3. S3C2440X Signal Descriptions (Sheet 5 of 6)
Signal
I/O
Description
Reset, Clock & Power
XTOpll
AO
Crystal Output for internal osc circuit.
When OM[3:2] = 00b, XTIpll is used for MPLL CLK source and UPLL CLK source.
When OM[3:2] = 01b, XTIpll is used for MPLL CLK source only.
When OM[3:2] = 10b, XTIpll is used for UPLL CLK source only.
If it isn't used, it has to be a floating pin.
MPLLCAP
AI
Loop filter capacitor for main clock.
UPLLCAP
AI
Loop filter capacitor for USB clock.
XTIrtc
AI
32 kHz crystal input for RTC. If it isn’t used, it has to be High (3.3V).
XTOrtc
AO
32 kHz crystal output for RTC. If it isn’t used, it has to be Float.
CLKOUT[1:0]
O
Clock output signal. The CLKSEL of MISCCR register configures the clock output
mode among the MPLL CLK, UPLL CLK, FCLK, HCLK, PCLK.
nRESET
ST
nRESET suspends any operation in progress and places S3C2440X into a known
reset state. For a reset, nRESET must be held to L level for at least 4 FCLK after the
processor power has been stabilized.
nRSTOUT
O
For external device reset control(nRSTOUT = nRESET & nWDTRST & SW_RESET)
PWREN
O
1.2V core power on-off control signal
nBATT_FLT
I
Probe for battery state(Does not wake up at Sleep mode in case of low battery state).
If it isn’t used, it has to be High (3.3V).
OM[3:2]
I
OM[3:2] determines how the clock is made.
OM[3:2] = 00b, Crystal is used for MPLL CLK source and UPLL CLK source.
OM[3:2] = 01b, Crystal is used for MPLL CLK source
and EXTCLK is used for UPLL CLK source.
OM[3:2] = 10b, EXTCLK is used for MPLL CLK source
and Crystal is used for UPLL CLK source.
OM[3:2] = 11b, EXTCLK is used for MPLL CLK source and UPLL CLK source.
EXTCLK
I
External clock source.
When OM[3:2] = 11b, EXTCLK is used for MPLL CLK source and UPLL CLK source.
When OM[3:2] = 10b, EXTCLK is used for MPLL CLK source only.
When OM[3:2] = 01b, EXTCLK is used for UPLL CLK source only.
If it isn't used, it has to be High (3.3V).
XTIpll
AI
Crystal Input for internal osc circuit.
When OM[3:2] = 00b, XTIpll is used for MPLL CLK source and UPLL CLK source.
When OM[3:2] = 01b, XTIpll is used for MPLL CLK source only.
When OM[3:2] = 10b, XTIpll is used for UPLL CLK source only.
If it isn't used, XTIpll has to be High (3.3V).


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com