Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 22 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 18Page - Samsung semiconductor S3C2440X Datasheet HTML 19Page - Samsung semiconductor S3C2440X Datasheet HTML 20Page - Samsung semiconductor S3C2440X Datasheet HTML 21Page - Samsung semiconductor S3C2440X Datasheet HTML 22Page - Samsung semiconductor S3C2440X Datasheet HTML 23Page - Samsung semiconductor S3C2440X Datasheet HTML 24Page - Samsung semiconductor S3C2440X Datasheet HTML 25Page - Samsung semiconductor S3C2440X Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-22
Table 1-3. S3C2440X Signal Descriptions (Sheet 2 of 6)
Signal
I/O
Descriptions
LCD Control Unit
VD[23:0]
O
STN/TFT/SEC TFT: LCD Data Bus
LCD_PWREN
O
STN/TFT/SEC TFT: LCD panel power enable control signal
VCLK
O
STN/TFT: LCD clock signal
VFRAME
O
STN: LCD Frame signal
VLINE
O
STN: LCD line signal
VM
O
STN: VM alternates the polarity of the row and column voltage
VSYNC
O
TFT: Vertical synchronous signal
HSYNC
O
TFT: Horizontal synchronous signal
VDEN
O
TFT: Data enable signal
LEND
O
TFT: Line End signal
STV
O
SEC TFT: SEC(Samsung Electronics Company) TFT LCD panel control signal
CPV
O
SEC TFT: SEC(Samsung Electronics Company) TFT LCD panel control signal
LCD_HCLK
O
SEC TFT: SEC(Samsung Electronics Company) TFT LCD panel control signal
TP
O
SEC TFT: SEC(Samsung Electronics Company) TFT LCD panel control signal
STH
O
SEC TFT: SEC(Samsung Electronics Company) TFT LCD panel control signal
LCD_LPCOE
O
SEC TFT: Timing control signal for specific TFT LCD
LCD_LPCREV
O
SEC TFT: Timing control signal for specific TFT LCD
LCD_LPCREVB
O
SEC TFT: Timing control signal for specific TFT LCD
CAMERA Interface
CAMRESET
O
Software Reset to the Camera
CAMCLKOUT
O
Master Clock to the Camera
CAMPCLK
I
Pixel clock from Camera
CAMHREF
I
Horizontal sync signal from Camera
CAMVSYNC
I
Vertical sync signal from Camera
CAMDATA[7:0]
I
Pixel data for YCbCr
Interrupt Control Unit
EINT[23:0]
I
External Interrupt request
DMA
nXDREQ[1:0]
I
External DMA request
nXDACK[1:0]
O
External DMA acknowledge


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com