Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 17Page - Samsung semiconductor S3C2440X Datasheet HTML 18Page - Samsung semiconductor S3C2440X Datasheet HTML 19Page - Samsung semiconductor S3C2440X Datasheet HTML 20Page - Samsung semiconductor S3C2440X Datasheet HTML 21Page - Samsung semiconductor S3C2440X Datasheet HTML 22Page - Samsung semiconductor S3C2440X Datasheet HTML 23Page - Samsung semiconductor S3C2440X Datasheet HTML 24Page - Samsung semiconductor S3C2440X Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X
PRODUCT OVERVIEW
1-21
SIGNAL DESCRIPTIONS
Table 1-3. S3C2440X Signal Descriptions (Sheet 1 of 6)
Signal
I/O
Descriptions
Bus Controller
OM[1:0]
I
OM[1:0] sets S3C2440X in the TEST mode, which is used only at fabrication. Also, it
determines the bus width of nGCS0. The pull-up/down resistor determines the logic
level during RESET cycle.
00:Nand-boot
01:16-bit
10:32-bit
11:Test mode
ADDR[26:0]
O
ADDR[26:0] (Address Bus) outputs the memory address of the corresponding bank .
DATA[31:0]
IO
DATA[31:0] (Data Bus) inputs data during memory read and outputs data during
memory write. The bus width is programmable among 8/16/32-bit.
nGCS[7:0]
O
nGCS[7:0] (General Chip Select) are activated when the address of a memory is
within the address region of each bank. The number of access cycles and the bank
size can be programmed.
nWE
O
nWE (Write Enable) indicates that the current bus cycle is a write cycle.
nOE
O
nOE (Output Enable) indicates that the current bus cycle is a read cycle.
nXBREQ
I
nXBREQ (Bus Hold Request) allows another bus master to request control of the
local bus. BACK active indicates that bus control has been granted.
nXBACK
O
nXBACK (Bus Hold Acknowledge) indicates that the S3C2440X has surrendered
control of the local bus to another bus master.
nWAIT
I
nWAIT requests to prolong a current bus cycle. As long as nWAIT is L, the current
bus cycle cannot be completed.
SDRAM/SRAM
nSRAS
O
SDRAM Row Address Strobe
nSCAS
O
SDRAM Column Address Strobe
nSCS[1:0]
O
SDRAM Chip Select
DQM[3:0]
O
SDRAM Data Mask
SCLK[1:0]
O
SDRAM Clock
SCKE
O
SDRAM Clock Enable
nBE[3:0]
O
Upper Byte/Lower Byte Enable(In case of 16-bit SRAM)
nWBE[3:0]
O
Write Byte Enable
NAND Flash
CLE
O
Command Latch Enable
ALE
O
Address Latch Enable
nFCE
O
Nand Flash Chip Enable
nFRE
O
Nand Flash Read Enable
nFWE
O
Nand Flash Write Enable
NCON
I
Nand Flash Configuration
FRnB
I
Nand Flash Ready/Busy
* If NAND flash controller isn’t used, it has to be
pull-up. (3.3V)


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com