Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 20 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 16Page - Samsung semiconductor S3C2440X Datasheet HTML 17Page - Samsung semiconductor S3C2440X Datasheet HTML 18Page - Samsung semiconductor S3C2440X Datasheet HTML 19Page - Samsung semiconductor S3C2440X Datasheet HTML 20Page - Samsung semiconductor S3C2440X Datasheet HTML 21Page - Samsung semiconductor S3C2440X Datasheet HTML 22Page - Samsung semiconductor S3C2440X Datasheet HTML 23Page - Samsung semiconductor S3C2440X Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-20
7.
The table below shows I/O types and the descriptions.
I/O Type
Descriptions
d12i(vdd12ih)
1.2V Vdd for alive power
d12c(vdd12ih_core), si(vssih)
1.2V Vdd/Vss for internal logic
d33o(vdd33oph), so(vssoph)
3.3V Vdd/Vss for external logic
d33t(vdd33th_abb), st(vssbbh_abb) 3.3V Vdd/Vss for analog circuitry
drtc(vdd30th_rtc)
3.0V Vdd for RTC power
t8(phbsu100ct8sm)
Bi-directional pad, LVCMOS schmitt-trigger, 100Kohm pull-up resistor with
control, tri-state, Io=8mA
is(phis)
Input pad, LVCMOS schmitt-trigger level
us(pbusb0)
USB pad
t10(phtot10cd)
5V tolerant Output pad, Tri-state .
ot(phot8)
Output pad, tri-state, Io=8mA
b8(phob8)
Output pad, Io=8mA
t16(phot16sm)
Output pad, tri-state, medium slew rate, Io=16mA
r10(phiar10_abb)
Analog input pad with 10-ohm resistor
ia(phia_abb)
Analog input pad
gp(phgpad_option)
Pad for analog pin
m26(phsoscm26_2440)
Oscillator cell with enable and feedback resistor
tt8(phtbsu100ct8sm)
5V Tolerant Bi-directional pad, LVCMOS schmitt-trigger, 100Kohm pull-up
resistor with control, tri -state, medium slew rate, Io=8mA
t12(phbsu100ct12sm)
Bi-directional pad, LVCMOS schmitt-trigger, 100Kohm pull-up resistor with
control, tri-state, Io=12mA
d2(phtod2)
5v tolerant Output pad , Open Drain , Io=2mA
d8(phbsd8sm)
Bi-directional pad, LVCMOS schmitt-trigger, Open Drain, Io=8mA
t10s(phtot10cd_10_2440x)
5V Tolerant output pad, LVCMOS , tri -state, output drive strenth control,
Io=4,6,8,10mA
b12s(phtbsu100ct12cd_12_2440x)
5V Tolerant Bi-directional pad, LVCMOS schmitt-trigger, 100Kohm pull-up
resistor with control, tri -state,output drive strenth control, Io=6,8,10,12mA
d2s(phtbsd2_2440x)
5V Tolerant Bi-directional pad, LVCMOS schmitt-trigger, open-drain, output
drive strenth ignore,
r50(phoar50_abb)
Analog Output pad, 50Kohm resistor, Separated bulk-bias
t12s(phtot12cd_12_2440x)
5V Tolerant output pad, LVCMOS , tri -state, output drive strenth control,
Io=6,8,12,16mA
nc(phnc)
No connection pad


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com