Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C2440X Datasheet HTML 1Page - Samsung semiconductor S3C2440X Datasheet HTML 2Page - Samsung semiconductor S3C2440X Datasheet HTML 3Page - Samsung semiconductor S3C2440X Datasheet HTML 4Page - Samsung semiconductor S3C2440X Datasheet HTML 5Page - Samsung semiconductor S3C2440X Datasheet HTML 6Page - Samsung semiconductor S3C2440X Datasheet HTML 7Page - Samsung semiconductor S3C2440X Datasheet HTML 8Page - Samsung semiconductor S3C2440X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-2
FEATURES
Architecture
Integrated system for hand-held devices and
general embedded applications.
16/32-Bit RISC architecture and powerful
instruction set with ARM920T CPU core.
Enhanced ARM architecture MMU to support
WinCE, EPOC 32 and Linux.
Instruction cache, data cache, write buffer and
Physical address TAG RAM to reduce the effect
of main memory bandwidth and latency on
performance.
ARM920T CPU core supports the ARM debug
architecture.
Internal Advanced Microcontroller Bus
Architecture (AMBA) (AMBA2.0, AHB/APB).
System Manager
Little/Big Endian support.
Address space: 128M bytes for each bank (total
1G bytes).
Supports programmable 8/16/32-bit data bus
width for each bank.
Fixed bank start address from bank 0 to bank 6.
Programmable bank start address and bank size
for bank 7.
Eight memory banks:
– Six memory banks for ROM, SRAM, and others.
– Two memory banks for ROM/SRAM/
Synchronous DRAM.
Complete Programmable access cycles for all
memory banks.
Supports external wait signals to expend the bus
cycle.
Supports self-refresh mode in SDRAM for power-
down.
Supports various types of ROM for booting
(NOR/NAND Flash, EEPROM, and others).
NAND Flash Boot Loader
Supports booting from NAND flash memory.
4KB internal buffer for booting.
Supports storage memory for NAND flash
memory after booting.
Supports Advanced NAND flash
Cache Memory
64-way set-associative cache with I-Cache
(16KB) and D-Cache (16KB).
8words length per line with one valid bit and two
dirty bits per line.
Pseudo random or round robin replacement
algorithm.
Write-through or write-back cache operation to
update the main memory.
The write buffer can hold 16 words of data and
four addresses.
Clock & Power Manager
On-chip MPLL and UPLL:
UPLL generates the clock to operate USB
Host/Device.
MPLL generates the clock to operate MCU at
maximum 400Mhz @ 1.2V.
Clock can be fed selectively to each function
block by software.
Power mode: Normal, Slow, Idle, and Sleep
mode
Normal mode: Normal operating mode
Slow mode: Low frequency clock without PLL
Idle mode: The clock for only CPU is stopped.
Sleep mode: The Core power including all
peripherals is shut down.
Woken up by EINT[15:0] or RTC alarm interrupt
from Sleep mode


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com