Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 1 Page - Samsung semiconductor

  S3C2440X Datasheet HTML 1Page - Samsung semiconductor S3C2440X Datasheet HTML 2Page - Samsung semiconductor S3C2440X Datasheet HTML 3Page - Samsung semiconductor S3C2440X Datasheet HTML 4Page - Samsung semiconductor S3C2440X Datasheet HTML 5Page - Samsung semiconductor S3C2440X Datasheet HTML 6Page - Samsung semiconductor S3C2440X Datasheet HTML 7Page - Samsung semiconductor S3C2440X Datasheet HTML 8Page - Samsung semiconductor S3C2440X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X RISC MICROPROCESSOR
PRODUCT OVERVIEW
1-1
PRODUCT OVERVIEW
INTRODUCTION
This manual describes SAMSUNG's S3C2440X 16/32-bit RISC microprocessor. SAMSUNG’s S3C24440X is
designed to provide hand-held devices and general applications with low-power, and high-performance micro-
controller solution in small die size. To reduce total system cost, the S3C2440X includes the following components
separate 16KB Instruction and 16KB Data Cache, MMU to handle virtual memory management, LCD Controller
(STN & TFT), NAND Flash Boot Loader, System Manager (chip select logic and SDRAM Controller), 3-ch UART,
4-ch DMA, 4-ch Timers with PWM, I/O Ports, RTC, 8-ch 10-bit ADC and Touch Screen Interface, Camera
interface, IIC-BUS Interface, IIS-BUS Interface, USB Host, USB Device, SD Host & Multi-Media Card Interface, 2-
ch SPI and PLL for clock generation.
The S3C2440X has been developed using an ARM920T core, 0.13um CMOS standard cells and a memory
complier. Its low-power, simple, elegant and fully static design is particularly suitable for cost- and power-sensitive
applications. It adopts a new bus architecture known as Advanced Micro controller Bus Architecture (AMBA).
The S3C2440X offers outstanding features with its CPU core, a 16/32-bit ARM920T RISC processor designed by
Advanced RISC Machines, Ltd. The ARM920T implements MMU, AMBA BUS, and Harvard cache architecture
with separate 16KB instruction and 16KB data caches, each with an 8-word line length.
By providing a complete set of common system peripherals, the S3C2440X minimizes overall system costs and
eliminates the need to configure additional components. The integrated on-chip functions that are described in this
document include:
1.2V internal, 1.8V/2.5V/3.3V memory, 3.3V external I/O microprocessor with 16KB I-Cache/16KB D-
Cache/MMU
External memory controller (SDRAM Control and Chip Select logic)
LCD controller (up to 4K color STN and 256K color TFT) with 1-ch LCD-dedicated DMA
4-ch DMAs with external request pins
3-ch UART (IrDA1.0, 64-Byte Tx FIFO, and 64-Byte Rx FIFO) / 2-ch SPI
1-ch multi-master IIC-BUS/1-ch IIS-BUS controller
SD Host interface version 1.0 & Multi-Media Card Protocol version 2.11 compatible
2-port USB Host /1- port USB Device (ver 1.1)
4-ch PWM timers & 1-ch internal timer
Watch Dog Timer
130-bit general purpose I/O ports / 24-ch external interrupt source
Power control: Normal, Slow, Idle and Sleep mode
8-ch 10-bit ADC and Touch screen interface
RTC with calendar function
On-chip clock generator with PLL


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com