Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 94 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 94 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 90Page - Samsung semiconductor S3C2440X Datasheet HTML 91Page - Samsung semiconductor S3C2440X Datasheet HTML 92Page - Samsung semiconductor S3C2440X Datasheet HTML 93Page - Samsung semiconductor S3C2440X Datasheet HTML 94Page - Samsung semiconductor S3C2440X Datasheet HTML 95Page - Samsung semiconductor S3C2440X Datasheet HTML 96Page - Samsung semiconductor S3C2440X Datasheet HTML 97Page - Samsung semiconductor S3C2440X Datasheet HTML 98Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
CLOCK & POWER MANAGEMENT
S3C2440X
7
-12
NORMAL Mode
In Normal mode, all peripherals and the basic blocks including power management block, the CPU core, the bus
controller, the memory controller, the interrupt controller, DMA, and the external master may operate fully. But, the
clock to each peripheral, except the basic blocks, can be stopped selectively by software to reduce the power
consumption.
IDLE Mode
In IDLE mode, the clock to the CPU core is stopped except the bus controller, the memory controller, the interrupt
controller, and the power management block. To exit the IDLE mode, EINT[23:0], or RTC alarm interrupt, or the
other interrupts should be activated. (EINT is not available until GPIO block is turned on).
SLOW Mode (Non-PLL Mode)
Power consumption can be reduced in the SLOW mode by applying a slow clock and excluding the power
consumption from the PLL. The FCLK is the frequency of divide_by_n of the input clock (XTIpll or EXTCLK)
without PLL. The divider ratio is determined by SLOW_VAL in the CLKSLOW control register and CLKDIVN
control register.
Table 7-3. CLKSLOW and CLKDIVN Register Settings for SLOW Clock example
SLOW_VAL
FCLK
HCLK
PCLK
UCLK
1/1 Option
(HDIVN=0)
1/2 Option
(HDIVN=1)
1/1 Option
(PDIVN=0)
1/2 Option
(PDIVN=1)
0 0 0
EXTCLK or
XTIpll / 1
EXTCLK or
XTIpll / 1
EXTCLK or
XTIpll / 2
HCLK
HCLK / 2
48 MHz
0 0 1
EXTCLK or
XTIpll / 2
EXTCLK or
XTIpll / 2
EXTCLK or
XTIpll / 4
HCLK
HCLK / 2
48 MHz
0 1 0
EXTCLK or
XTIpll / 4
EXTCLK or
XTIpll / 4
EXTCLK or
XTIpll / 8
HCLK
HCLK / 2
48 MHz
0 1 1
EXTCLK or
XTIpll / 6
EXTCLK or
XTIpll / 6
EXTCLK or
XTIpll / 12
HCLK
HCLK / 2
48 MHz
1 0 0
EXTCLK or
XTIpll / 8
EXTCLK or
XTIpll / 8
EXTCLK or
XTIpll / 16
HCLK
HCLK / 2
48 MHz
1 0 1
EXTCLK or
XTIpll / 10
EXTCLK or
XTIpll / 10
EXTCLK or
XTIpll / 20
HCLK
HCLK / 2
48 MHz
1 1 0
EXTCLK or
XTIpll / 12
EXTCLK or
XTIpll / 12
EXTCLK or
XTIpll / 24
HCLK
HCLK / 2
48 MHz
1 1 1
EXTCLK or
XTIpll / 14
EXTCLK or
XTIpll / 14
EXTCLK or
XTIpll / 28
HCLK
HCLK / 2
48 MHz
In SLOW mode, PLL will be turned off to reduce the PLL power consumption. When the PLL is turned off in the
SLOW mode and the user changes power mode from SLOW mode to NORMAL mode, the PLL needs clock
stabilization time (PLL lock time). This PLL stabilization time is automatically inserted by the internal logic with lock
time count register. The PLL stability time will take 300us after the PLL is turned on. During PLL lock time, the
FCLK becomes SLOW clock.


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com