Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 90 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 90 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 86Page - Samsung semiconductor S3C2440X Datasheet HTML 87Page - Samsung semiconductor S3C2440X Datasheet HTML 88Page - Samsung semiconductor S3C2440X Datasheet HTML 89Page - Samsung semiconductor S3C2440X Datasheet HTML 90Page - Samsung semiconductor S3C2440X Datasheet HTML 91Page - Samsung semiconductor S3C2440X Datasheet HTML 92Page - Samsung semiconductor S3C2440X Datasheet HTML 93Page - Samsung semiconductor S3C2440X Datasheet HTML 94Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
CLOCK & POWER MANAGEMENT
S3C2440X
7
-8
FCLK, HCLK, and PCLK
FCLK is used by ARM920T.
HCLK is used for AHB bus, which is used by the ARM920T, the memory controller, the interrupt controller, the
LCD controller, the DMA and USB host block.
PCLK is used for APB bus, which is used by the peripherals such as WDT, IIS, I2C, PWM timer, MMC interface,
ADC, UART, GPIO, RTC and SPI.
The S3C2440X supports selection of Dividing Ratio between FCLK, HLCK and PCLK. This ratio is determined by
HDIVN and PDIVN of CLKDIVN control register.
HDIVN
PDIVN
FCLK
HCLK
PCLK
Divide Ratio
0
0
FCLK
FCLK
FCLK
1 : 1 : 1
(Default)
0
1
FCLK
FCLK
FCLK / 2
1 : 1 : 2
1
0
FCLK
FCLK / 2
FCLK / 2
1 : 2 : 2
1
1
FCLK
FCLK / 2
FCLK / 4
1 : 2 : 4
3
0
FCLK
FCLK / 3
FCLK / 3
1 : 3 : 3
3
1
FCLK
FCLK / 3
FCLK / 6
1 : 3 : 6
2
0
FCLK
FCLK / 4
FCLK / 4
1 : 4 : 4
2
1
FCLK
FCLK / 4
FCLK / 8
1 : 4 : 8
After setting PMS value, it is required to set CLKDIVN register. The value set for CLKDIVN will be valid after PLL
lock time. The value is also available for reset and changing Power Management Mode.
The setting value can also be valid after 1.5 HCLK. Only, 1HCLK can validate the value of CLKDIVN register
changed from Default (1:1:1) to other Divide Ratio (1:1:2, 1:2:2 and 1:2:4)
1HCLK
1.5 HCLK
1.5 HCLK
0x00000000
0x00000001(1:1:2)
0x00000003 (1:2:4)
0x00000000 (1:1:1)
CLKDIVN
FCLK
HCLK
PCLK
Figure 7-6. Changing CLKDIVN Register Value


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com