Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 86 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 86 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 82Page - Samsung semiconductor S3C2440X Datasheet HTML 83Page - Samsung semiconductor S3C2440X Datasheet HTML 84Page - Samsung semiconductor S3C2440X Datasheet HTML 85Page - Samsung semiconductor S3C2440X Datasheet HTML 86Page - Samsung semiconductor S3C2440X Datasheet HTML 87Page - Samsung semiconductor S3C2440X Datasheet HTML 88Page - Samsung semiconductor S3C2440X Datasheet HTML 89Page - Samsung semiconductor S3C2440X Datasheet HTML 90Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
CLOCK & POWER MANAGEMENT
S3C2440X
7
-4
PHASE LOCKED LOOP (PLL)
The MPLL within the clock generator, as a circuit, synchronizes an output signal with a reference input signal in
frequency and phase. In this application, it includes the following basic blocks as shown in Figure 7-2: the Voltage
Controlled Oscillator (VCO) to generate the output frequency proportional to input DC voltage, the divider P to
divide the input frequency (Fin) by p, the divider M to divide the VCO output frequency by m which is input to
Phase Frequency Detector (PFD), the divider S to divide the VCO output frequency by s which is Mpll (the output
frequency from MPLL block), the phase difference detector, the charge pump, and the loop filter. The output clock
frequency Mpll is related to the reference input clock frequency Fin by the following equation:
Mpll = (m * Fin) / (p * 2
s)
m = M (the value for divider M)+ 8, p = P (the value for divider P) + 2
The UPLL within the clock generator is the same as the MPLL in every aspect.
The following sections describes the operation of the PLL, including the phase difference detector, the charge
pump, the Voltage controlled oscillator (VCO), and the loop filter.
Phase Difference Detector (PFD)
The PFD monitors the phase difference between Fref and Fvco, and generates a control signal (tracking signal)
when thedifferenceis detected. The Fref means the reference frequency as shown in the Figure 7-2.
Charge Pump (PUMP)
The charge pump converts PFD control signals into a proportional charge in voltage across the external filter that
drives the VCO.
Loop Filter
The control signal, which the PFD generates for the charge pump, may generate large excursions (ripples) each
time the Fvco is compared to the Fref. To avoid overloading the VCO, a low pass filter samples and filters the
high-frequency components out of the control signal. The filter is typically a single-pole RC filter with a resistor and
a capacitor.
Voltage Controlled Oscillator (VCO)
The output voltage from the loop filter drives the VCO, causing its oscillation frequency to increase or decrease
linearly as a function of variations in average voltage. When the Fvco matches Fref in terms of frequency as well
as phase, the PFD stops sending control signals to the charge pump, which in turn stabilizes the input voltage to
the loop filter. The VCO frequency then remains constant, and the PLL remains fixed onto the system clock.
Usual Conditions for PLL & Clock Generator
PLL & Clock Generator generally uses the following conditions.
MPLLCAP: 2.8 nF
Loop filter capacitance
CLF
UPLLCAP: 700 pF
External X-tal frequency
-
10–20 MHz (note)
External capacitance used for X-tal
CEXT
15–22pF
NOTES:
1.
The value could be changed.
2.
FCLK must be more than three times X-tal or EXTCLK (FCLK
≥ 3X-tal or 3EXTCLK)


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com