Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 83 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 83 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 79Page - Samsung semiconductor S3C2440X Datasheet HTML 80Page - Samsung semiconductor S3C2440X Datasheet HTML 81Page - Samsung semiconductor S3C2440X Datasheet HTML 82Page - Samsung semiconductor S3C2440X Datasheet HTML 83Page - Samsung semiconductor S3C2440X Datasheet HTML 84Page - Samsung semiconductor S3C2440X Datasheet HTML 85Page - Samsung semiconductor S3C2440X Datasheet HTML 86Page - Samsung semiconductor S3C2440X Datasheet HTML 87Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X RISC MICROPROCESSOR
CLOCK & POWER MANAGEMENT
7
-1
CLOCK & POWER MANAGEMENT
OVERVIEW
The clock & power management block consists of three parts: Clock control, USB control, and Power control.
The Clock control logic in S3C2440X can generate the required clock signals including FCLK for CPU, HCLK for
the AHB bus peripherals, and PCLK for the APB bus peripherals. The S3C2440X has two Phase Locked Loops
(PLLs): one for FCLK, HCLK, and PCLK, and the other dedicated for USB block (48Mhz). The clock control logic
can make slow clocks without PLL and connect/disconnect the clock to each peripheral block by software, which
will reduce the power consumption.
For the power control logic, the S3C2440X has various power management schemes to keep optimal power
consumption for a given task. The power management block in the S3C2440X can activate four modes: NORMAL
mode, SLOW mode, IDLE mode, and SLEEP mode.
NORMAL mode
: The block supplies clocks to CPU as well as all peripherals in the S3C2440X. In this mode, the
power consumption will be maximized when all peripherals are turned on. It allows the user to control the operation
of peripherals by software. For example, if a timer is not needed, the user can disconnect the clock to the timer to
reduce power consumption.
SLOW mode
: Non-PLL mode. Unlike the Normal mode, the Slow mode uses an external clock (XTIpll or
EXTCLK) directly as FCLK in the S3C2440X without PLL. In this mode, the power consumption depends on the
frequency of the external clock only. The power consumption due to PLL is excluded.
IDLE mode
: The block disconnects clocks (FCLK) only to the CPU core while it supplies clocks to all other
peripherals. The IDLE mode results in reduced power consumption due to CPU core. Any interrupt request to CPU
can be woken up from the Idle mode.
SLEEP mode
: The block disconnects the internal power. So, there occurs no power consumption due to CPU and
the internal logic except the wake-up logic in this mode. Activating the SLEEP mode requires two independent
power sources. One of the two power sources supplies the power for the wake-up logic. The other one supplies
other internal logics including CPU, and should be controlled for power on/off. In the SLEEP mode, the second
power supply source for the CPU and internal logics will be turned off. The wakeup from SLEEP mode can be
issued by the EINT[15:0] or by RTC alarm interrupt.


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com