Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 80 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 80 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 76Page - Samsung semiconductor S3C2440X Datasheet HTML 77Page - Samsung semiconductor S3C2440X Datasheet HTML 78Page - Samsung semiconductor S3C2440X Datasheet HTML 79Page - Samsung semiconductor S3C2440X Datasheet HTML 80Page - Samsung semiconductor S3C2440X Datasheet HTML 81Page - Samsung semiconductor S3C2440X Datasheet HTML 82Page - Samsung semiconductor S3C2440X Datasheet HTML 83Page - Samsung semiconductor S3C2440X Datasheet HTML 84Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X RISC MICROPROCESSOR
NAND FLASH CONTROLLER
6-19
ECC0/1 STATUS REGISTER
Register
Address
R/W
Description
Reset Value
NFESTAT0
0x4E000024
R/W NAND Flash ECC Status register for I/O [7:0]
0x00000000
NFESTAT1
0x4E000028
R/W NAND Flash ECC Status register for I/O [15:8]
0x00000000
NFESTAT0
Bit
Description
Initial State
SErrorDataNo
[24:21]
In spare area, Indicates which number data is error
00
SErrorBitNo
[20:18]
In spare area, Indicates which bit is error
000
MErrorDataNo
[17:7]
In main data area, Indicates which number data is error
0x00
MErrorBitNo
[6:4]
In main data area, Indicates which bit is error
000
SpareError
[3:2]
Indicates whether spare area bit fail error occurred
00: No Error
01: 1-bit error(correctable)
10: Multiple error
11: ECC area error
00
MainError
[1:0]
Indicates whether main data area bit fail error occurred
00: No Error
01: 1-bit error(correctable)
10: Multiple error
11: ECC area error
00
Note :
The above values are only valid when both ECC register and ECC status register have valid value.
NFESTAT1
Bit
Description
Initial State
SErrorDataNo
[24:21]
In spare area, Indicates which number data is error
00
SErrorBitNo
[20:18]
In spare area, Indicates which bit is error
000
MErrorDataNo
[17:7]
In main data area, Indicates which number data is error
0x00
MErrorBitNo
[6:4]
In main data area, Indicates which bit is error
000
SpareError
[3:2]
Indicates whether spare area bit fail error occurred
00: No Error
01: 1-bit error(correctable)
10: Multiple error
11: ECC area error
00
MainError
[1:0]
Indicates whether main data area bit fail error occurred
00: No Error
01: 1-bit error(correctable)
10: Multiple error
11: ECC area error
00
Note :
The above values are only valid when both ECC register and ECC status register have valid value.


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com