Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 77 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 77 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 73Page - Samsung semiconductor S3C2440X Datasheet HTML 74Page - Samsung semiconductor S3C2440X Datasheet HTML 75Page - Samsung semiconductor S3C2440X Datasheet HTML 76Page - Samsung semiconductor S3C2440X Datasheet HTML 77Page - Samsung semiconductor S3C2440X Datasheet HTML 78Page - Samsung semiconductor S3C2440X Datasheet HTML 79Page - Samsung semiconductor S3C2440X Datasheet HTML 80Page - Samsung semiconductor S3C2440X Datasheet HTML 81Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
NAND FLASH CONTROLLER
S3C2440X RISC MICROPROCESSOR
6-16
MAIN DATA AREA REGISTER
Register
Address
R/W
Description
Reset Value
NFMECCD0 0x4E000014
R/W
NAND Flash ECC 1
st and 2nd register for main data read
(Note) Refer to ECC MODULE FEATURES in p6-8.
0x00000000
NFMECCD1 0x4E000018
R/W
NAND Flash ECC 3
rd 4th register for main data read
(Note) Refer to ECC MODULE FEATURES in p6-8.
0x00000000
NFMECCD0
Bit
Description
Initial State
ECCData1_1
[31:24]
2
nd ECC for I/O[15:8]
0x00
ECCData1_0
[23:16]
2
nd ECC for I/O[ 7:0]
Note : In Software mode, Read this register when you
need to read 2
nd ECC value from NAND flash memory
0x00
ECCData0_1
[15:8]
1
st ECC for I/O[15:8]
0x00
ECCData0_0
[7:0]
1
st ECC for I/O[ 7:0]
Note : In Software mode, Read this register when you
need to read 1
st ECC value from NAND flash memory.
This register has same read function of NFDATA.
0x00
(Note) Only word access is valid.
NFMECCD1
Bit
Description
Initial State
ECCData3_1
[31:24]
4
th ECC for I/O[15:8]
0x00
ECCData3_0
[23:16]
4
th ECC for I/O[ 7:0]
Note : In Software mode, Read this register when you
need to read 4
th ECC value from NAND flash memory
0x00
ECCData2_1
[15:8]
3
rd ECC for I/O[15:8]
0x00
ECCData2_0
[7:0]
3
rd ECC for I/O[ 7:0]
Note: In Software mode, Read this register when you need
to read 3
rd ECC value from NAND flash memory. This
register has same read function of NFDATA.
0x00
(Note) Only word access is valid.
Important Note
MAIN DATA AREA REGISTER (NFMECCD0/1) does not meet the specification.
Next revision chip will meet the specification.
Workaround: ECC detection by software


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com