Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 69 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 69 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 65Page - Samsung semiconductor S3C2440X Datasheet HTML 66Page - Samsung semiconductor S3C2440X Datasheet HTML 67Page - Samsung semiconductor S3C2440X Datasheet HTML 68Page - Samsung semiconductor S3C2440X Datasheet HTML 69Page - Samsung semiconductor S3C2440X Datasheet HTML 70Page - Samsung semiconductor S3C2440X Datasheet HTML 71Page - Samsung semiconductor S3C2440X Datasheet HTML 72Page - Samsung semiconductor S3C2440X Datasheet HTML 73Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
NAND FLASH CONTROLLER
S3C2440X RISC MICROPROCESSOR
6-8
ECC MODULE FEATURES
ECC generation is controlled by the ECC Lock (MainECCLock, SpareECCLock) bit of the Control register.
ECC Register Configuration (Little / Big Endian)
1) 16-bit NAND Flash Memory Interface
Register
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFMECCD0
2
nd ECC for I/O[15:8]
2
nd ECC for I/O[7:0]
1
st ECC for I/O[15:8]
1
st ECC for I/O[7:0]
NFMECCD1
4th ECC for I/O[15:8]
4
th ECC for I/O[7:0]
3
rd ECC for I/O[15:8]
3
rd ECC for I/O[7:0]
Register
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFSECCD
2
nd ECC for I/O[15:8]
2
nd ECC for I/O[7:0]
1
st ECC for I/O[15:8]
1
st ECC for I/O[7:0]
2) 8-bit NAND Flash Memory Interface
Register
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFMECCD0
-2
nd ECC for I/O[7:0]
-
1
st ECC for I/O[7:0]
NFMECCD1
-4
th ECC for I/O[7:0]
-
3
rd ECC for I/O[7:0]
Register
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFSECCD
-2
nd ECC for I/O[7:0]
-
1
st ECC for I/O[7:0]
ECC PROGRAMMING GUIDE
1) In software mode, ECC module generates ECC parity code for all read / write data. So you have to reset
ECC value by writing the InitECC(NFCONT[4]) bit as ‘1’ and have to clear theMainECCLock(NFCONT[5])
bit to ‘0’(Unlock) before read or write data.
MainECCLock(NFCONT[5]) and SpareECCLock(NFCONT[6]) control whether ECC Parity code is
generated or not.
2) Whenever data is read or written, the ECC module generates ECC parity code on register NFMECC0/1.
3) After you completely read or write one page (not include spare area data), Set the MainECCLock bit to
‘1’(Lock). ECC Parity code is locked and the value of the ECC status register will not be changed.
4) To generate spare area ECC parity code, Clear as ‘0’(Unlock) SpareECCLock(NFCONT[6]) bit.
5) Whenever data is read or written, the spare area ECC module generates ECC parity code on register
NFSECC.
6) After you completely read or write spare area, Set the SpareECCLock bit to ‘1’(Lock). ECC Parity code is
locked and the value of the ECC status register will not be changed.
7) From now, you can use these values to record to the spare area or check the bit error.
(Note) NFSECCD is for ECC in the spare area (Usually, the user will write the ECC value of main data area to


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com