Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 67 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 67 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 63Page - Samsung semiconductor S3C2440X Datasheet HTML 64Page - Samsung semiconductor S3C2440X Datasheet HTML 65Page - Samsung semiconductor S3C2440X Datasheet HTML 66Page - Samsung semiconductor S3C2440X Datasheet HTML 67Page - Samsung semiconductor S3C2440X Datasheet HTML 68Page - Samsung semiconductor S3C2440X Datasheet HTML 69Page - Samsung semiconductor S3C2440X Datasheet HTML 70Page - Samsung semiconductor S3C2440X Datasheet HTML 71Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
NAND FLASH CONTROLLER
S3C2440X RISC MICROPROCESSOR
6-6
Data Register Configuration
1) 16-bit NAND Flash Memory Interface
A.
Word Access
Register
Endian
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFDATA
Little
2
nd I/O[15:8]
2
nd I/O[ 7:0]
1
st I/O[15:8]
1
st I/O[ 7:0]
NFDATA
Big
1
st I/O[15:8]
1
st I/O[ 7:0]
2
nd I/O[15:8]
2
nd I/O[ 7:0]
B.
Half-word Access
Register
Endian
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFDATA
Little/Big
Invalid value
Invalid value
1
st I/O[15:8]
1
st I/O[ 7:0]
2) 8-bit NAND Flash Memory Interface
A.
Word Access
Register
Endian
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFDATA
Little
4
th I/O[ 7:0]
3
rd I/O[ 7:0]
2
nd I/O[ 7:0]
1
st I/O[ 7:0]
NFDATA
Big
1
st I/O[ 7:0]
2
nd I/O[ 7:0]
3
rd I/O[ 7:0]
4
th I/O[ 7:0]
B.
Half-word Access
Register
Endian
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFDATA
Little
Invalid value
Invalid value
2
nd I/O[ 7:0]
1
st I/O[ 7:0]
NFDATA
Big
Invalid value
Invalid value
1
st I/O[ 7:0]
2
nd I/O[ 7:0]
C.
Byte Access
Register
Endian
Bit [31:24]
Bit [23:16]
Bit [15:8]
Bit [7:0]
NFDATA
Little/Big
Invalid value
Invalid value
Invalid value
1
st I/O[ 7:0]
STEPPINGSTONE (4K-Byte SRAM)
The NAND Flash controller uses Steppingstone as the buffer on booting and also you can use this area for another
purpose.


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com