Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 63 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 63 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 59Page - Samsung semiconductor S3C2440X Datasheet HTML 60Page - Samsung semiconductor S3C2440X Datasheet HTML 61Page - Samsung semiconductor S3C2440X Datasheet HTML 62Page - Samsung semiconductor S3C2440X Datasheet HTML 63Page - Samsung semiconductor S3C2440X Datasheet HTML 64Page - Samsung semiconductor S3C2440X Datasheet HTML 65Page - Samsung semiconductor S3C2440X Datasheet HTML 66Page - Samsung semiconductor S3C2440X Datasheet HTML 67Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
NAND FLASH CONTROLLER
S3C2440X RISC MICROPROCESSOR
6-2
BLOCK DIAGRAM
zmy
ljj nΥU
z›Œ——•Ž z›–•Œ
O[ri zyhtP
z›Œ——•Ž z›–•Œ
j–•›™–““Œ™
uhuk mshzo
p•›Œ™ˆŠŒ
CLE
ALE
nFCE
nRE
nWE
R/nB
I/O0 - I/O15
hoi
z“ˆŒ pVm
j–•›™–“ M
z›ˆ›Œ tˆŠ•Œ
Figure 6-1 NAND Flash Controller Block Diagram
BOOT LOADER FUNCTION
z›Œ——•Ž z›–•Œ
O[ri iœŒ™P
uhuk mshzo
j–•›™–““Œ™
uhuk mshzo
tŒ”–™ 
z—ŒŠˆ“ mœ•Š›–•
yŒŽš›Œ™š
REGISTERS
AUTO BOOT
CORE ACCESS
(Boot Code)
USER ACCESS
Figure 6-2 NAND Flash Controller Boot Loader Block Diagram
During reset, Nand flash controller will get information about connected NAND flash through Pin status(NCON(Adv
flash), GPG13(Page size), GPG14(Address cycle), GPG15(Bus width) – refer to PIN CONFIGURATION), After
power-on or system reset is occurred, the NAND Flash controller load automatically the 4-KBytes boot loader
codes. After loading the boot loader codes, the boot loader code in steppingstone is executed.
NOTE : During the auto boot, the ECC is not checked. So, the first 4-KB of NAND flash should have no bit error.


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com