Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 58 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 58 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 54Page - Samsung semiconductor S3C2440X Datasheet HTML 55Page - Samsung semiconductor S3C2440X Datasheet HTML 56Page - Samsung semiconductor S3C2440X Datasheet HTML 57Page - Samsung semiconductor S3C2440X Datasheet HTML 58Page - Samsung semiconductor S3C2440X Datasheet HTML 59Page - Samsung semiconductor S3C2440X Datasheet HTML 60Page - Samsung semiconductor S3C2440X Datasheet HTML 61Page - Samsung semiconductor S3C2440X Datasheet HTML 62Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 429 page
background image
2003.09.25
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X RISC MICROPROCESSOR
MEMORY CONTROLLER
DEC.13, 2002
5-17
REFRESH CONTROL REGISTER
Register
Address
R/W
Description
Reset Value
REFRESH
0x48000024
R/W
SDRAM refresh control register
0xac0000
REFRESH
Bit
Description
Initial State
REFEN
[23]
SDRAM Refresh Enable
0 = Disable
1 = Enable (self or CBR/auto refresh)
1
TREFMD
[22]
SDRAM Refresh Mode
0 = CBR/Auto Refresh
1 = Self Refresh
In self-refresh time, the SDRAM control signals are driven to the
appropriate level.
0
Trp
[21:20]
SDRAM RAS pre-charge Time
00 = 2 clocks
01 = 3 clocks
10 = 4 clocks
11 = Not support
10
Trc
[19:18]
SDRAM RC minimum Time
00 = 4 clocks 01 = 5 clocks 10 = 6 clocks 11 = 7 clocks
11
Reserved
[17:16]
Not used
00
Reserved
[15:11]
Not used
0000
Refresh
Counter
[10:0]
SDRAM refresh count value. Refer to chapter 6 SDRAM refresh
controller bus priority section.
Refresh period = (2
11-refresh_count+1)/HCLK
Ex) If refresh period is 7.8 us and HCLK is 100 MHz,
the refresh count is as follows:
Refresh count = 2
11 + 1 - 100x7.8 = 1269
0


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com