Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 40 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 40 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 36Page - Samsung semiconductor S3C2440X Datasheet HTML 37Page - Samsung semiconductor S3C2440X Datasheet HTML 38Page - Samsung semiconductor S3C2440X Datasheet HTML 39Page - Samsung semiconductor S3C2440X Datasheet HTML 40Page - Samsung semiconductor S3C2440X Datasheet HTML 41Page - Samsung semiconductor S3C2440X Datasheet HTML 42Page - Samsung semiconductor S3C2440X Datasheet HTML 43Page - Samsung semiconductor S3C2440X Datasheet HTML 44Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-40
Table 1-4. S3C2440X Special Registers (Sheet 14 of 14)
Register
Name
Address
(B. Endian)
Address
(L. Endian)
Acc. Unit
Read/
Write
Function
A/D converter
ADCCON
0x58000000
W
R/W
ADC Control
ADCTSC
0x58000004
ADC Touch Screen Control
ADCDLY
0x58000008
ADC Start or Interval Delay
ADCDAT0
0x5800000C
R
ADC Conversion Data
ADCDAT1
0x58000010
ADC Conversion Data
ADCUPDN
0x58000014
R/W
Stylus Up or Down Interrpt status
SPI
SPCON0,1
0x59000000,20
W
R/W
SPI Control
SPSTA0,1
0x59000004,24
R
SPI Status
SPPIN0,1
0x59000008,28
R/W
SPI Pin Control
SPPRE0,1
0x5900000C,2C
SPI Baud Rate Prescaler
SPTDAT0,1
0x59000010,30
SPI Tx Data
SPRDAT0,1
0x59000014,34
R
SPI Rx Data
SD interface
SDICON
0x5A000000
W
R/W
SDI Control
SDIPRE
0x5A000004
SDI Baud Rate Prescaler
SDICARG
0x5A000008
SDI Command Argument
SDICCON
0x5A00000C
SDI Command Control
SDICSTA
0x5A000010
R/(C)
SDI Command Status
SDIRSP0
0x5A000014
R
SDI Response
SDIRSP1
0x5A000018
SDI Response
SDIRSP2
0x5A00001C
SDI Response
SDIRSP3
0x5A000020
SDI Response
SDIDTIMER
0x5A000024
R/W
SDI Data / Busy Timer
SDIBSIZE
0x5A000028
SDI Block Size
SDIDCON
0x5A00002C
SDI Data control
SDIDCNT
0x5A000030
R
SDI Data Remain Counter
SDIDSTA
0x5A000034
R/(C)
SDI Data Status
SDIFSTA
0x5A000038
R
SDI FIFO Status
SDIDAT
0x5A00003F
0x5A00003C
B
R/W
SDI Data
SDIIMSK
0x5A000040
W
SDI Interrupt Mask


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com