Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 4 Page - Samsung semiconductor

  S3C2440X Datasheet HTML 1Page - Samsung semiconductor S3C2440X Datasheet HTML 2Page - Samsung semiconductor S3C2440X Datasheet HTML 3Page - Samsung semiconductor S3C2440X Datasheet HTML 4Page - Samsung semiconductor S3C2440X Datasheet HTML 5Page - Samsung semiconductor S3C2440X Datasheet HTML 6Page - Samsung semiconductor S3C2440X Datasheet HTML 7Page - Samsung semiconductor S3C2440X Datasheet HTML 8Page - Samsung semiconductor S3C2440X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-4
FEATURES (Continued)
Watchdog Timer
16-bit Watchdog Timer
Interrupt request or system reset at time-out
IIC-Bus Interface
1-ch Multi-Master IIC-Bus
Serial, 8-bit oriented and bi-directional data
transfers canbemadeatupto100 Kbit/s in
Standard mode or up to 400 Kbit/s in Fast mode.
IIS-Bus Interface
1-ch IIS-bus for audio interface with DMA-based
operation
Serial, 8-/16-bit per channel data transfers
128 Bytes (64-Byte + 64-Byte) FIFO for Tx/Rx
Supports IIS format and MSB-justified data format
USB Host
2-port USB Host
Complies with OHCI Rev. 1.0
Compatible with USB Specification version 1.1
USB Device
1-port USB Device
5 Endpoints for USB Device
Compatible with USB Specification version 1.1
SD Host Interface
Compatible with SD Memory Card Protocol
version 1.0
Compatible with SDIO Card Protocol version 1.0
Bytes FIFO for Tx/Rx
DMA based or Interrupt based operation
Compatible with Multimedia Card Protocol version
2.11
SPI Interface
Compatible with 2-ch Serial Peripheral Interface
Protocol version 2.11
2x8 bits Shift register for Tx/Rx
DMA-based or interrupt-based operation
Camera Interface
ITU601/ITU656-format input support (8-bit)
YCrCb 4:2:2 to 4:2:0 down-sampling
Up to 1016 Horizontal resolution support
Operating Voltage Range
Core: 1.2V
Memory :1.8V/ 2.5V/3.3V
I/O : 3.3V
Operating Frequency
Up to 400MHz
Package
289-FBGA


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com