Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA233 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 5 Page - Texas Instruments

  INA233 Datasheet HTML 1Page - Texas Instruments INA233 Datasheet HTML 2Page - Texas Instruments INA233 Datasheet HTML 3Page - Texas Instruments INA233 Datasheet HTML 4Page - Texas Instruments INA233 Datasheet HTML 5Page - Texas Instruments INA233 Datasheet HTML 6Page - Texas Instruments INA233 Datasheet HTML 7Page - Texas Instruments INA233 Datasheet HTML 8Page - Texas Instruments INA233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Although the input range is 36 V, the full-scale range of the ADC scaling is 40.96 V; see the High-Accuracy Analog-to-Digital Convertor
(ADC) section. Do not apply more than 36 V.
(2)
RTI = Referred-to-input.
(3)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of this table. Negative leakage currents can
occur under different input conditions.
(4)
SMBus timeout in the INA233 resets the interface whenever SCL is low for more than 28 ms.
6.5 Electrical Characteristics
at TA = 25°C, VVS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV, and VVBUS = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Shunt voltage input range
–81.92
81.9175
mV
Bus voltage input range(1)
0
36
V
CMRR
Common-mode rejection ratio
0 V
≤ VIN+ ≤ 36 V
126
140
dB
VOS
Offset voltage, RTI(2)
Shunt voltage
±2.5
±10
µV
Bus voltage
±1.25
±7.5
mV
VOS (RTI
(2)) vs temperature
Shunt voltage, –40°C
≤ TA ≤ +125°C
0.02
0.1
µV/°C
Bus voltage, –40°C
≤ TA ≤ +125°C
10
40
PSRR
Power-supply rejection ratio (RTI (2))
Shunt voltage, 2.7 V
≤ VS ≤ 5.5 V
1
µV/V
Bus voltage
0.5
mV/V
IB
Input bias current (IIN+, IIN– pins)
8
μA
VBUS input impedance
830
Input leakage(3)
(IN+) + (IN–),
power-down mode
0.1
0.5
µA
DC ACCURACY
ADC native resolution
16
Bits
1-LSB step size
Shunt voltage
2.5
μV
Bus voltage
1.25
mV
Shunt voltage gain error
0.02%
0.1%
Shunt voltage gain error vs
temperature
–40°C
≤ TA ≤ +125°C
5
25
ppm/°C
Bus voltage gain error
0.02%
0.1%
Bus voltage gain error vs
temperature
–40°C
≤ TA ≤ +125°C
10
50
ppm/°C
Power gain error
VBUS = 12 V, VIN+ – VIN– = –80 mV
to 80 mV
0.05%
0.2%
Power gain error vs temperature
–40°C
≤ TA ≤ +125°C
10
50
ppm/°C
DNL
Differential nonlinearity
±0.1
LSB
tCT
ADC conversion time
CT bit = 000
140
154
µs
CT bit = 001
204
224
CT bit = 010
332
365
CT bit = 011
588
646
CT bit = 100
1.1
1.21
ms
CT bit = 101
2.116
2.328
CT bit = 110
4.156
4.572
CT bit = 111
8.244
9.068
SMBus
SMBus timeout(4)
28
35
ms


Similar Part No. - INA233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2331 TI-INA2331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA2331 TI1-INA2331 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA2331AIPW TI1-INA2331AIPW Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA2331AIPWR TI-INA2331AIPWR Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA2331AIPWR TI1-INA2331AIPWR Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com