Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BVF-1 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BVF-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BVF-1 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC8477BVF-1 Datasheet HTML 34Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 35Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 36Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 37Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 38Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 39Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 40Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 41Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
60 Device Description
Absolute Maximum Ratings
(Notes 2 and 3)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC VCCA)
b
05V to a70V
Supply Differential (
lVCC b VCCAl)
06V
Input Voltage (VI)
b
05V to VCC a 05V
Output Voltage (VO)
b
05V to VCC a 05V
Storage Temperature (TSTG)
b
65 Cto a165 C
Power Dissipation (PD)1W
Lead Temperature (TL)
a
260 C
Soldering (10 seconds)
Recommended Operating
Conditions
Min
Typ
Max
Unit
Supply Voltage (VCC)
45
50
55
V
Operating Temperature(TA)0
a
70
C
ESD Tolerance
2000
V
CZAP e 100 pF
RZAP e 15 kX
(Note 1)
Capacitance TA e 25 C f e 1 MHz
Symbol
Parameters
Min
Typ
Max
Units
CIN
Input Pin Capacitance
5
7
pF
CIN1
Clock Input Capacitance
8
10
pF
CIO
IO Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
6
8
pF
Note 1
Value based on test complying with NSC SOP5-028 human body model ESD testing using the ETS-910 tester
Note 2
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 3
Unless otherwise specified all voltages are referenced to ground
61 DC ELECTRICAL CHARACTERISTICS
DC Characteristics
Under Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
20
VCC
V
VIL
Input Low Voltage
b
05
08
V
ICC
VCC Average Supply Current
VIL e 05V VIH e 24V
10
15
mA
(Note 5)
No Loads on Outputs
ICCSB
VCC Quiescent Supply Current
VIL e VSS
in Low Power Mode
VIH e VCC
0500
20
mA
No Loads on Outputs
ICCA
VCCA Average Supply Current
VIL e 05V
(Note 5)
VIH e 24V
7
10
mA
No Loads on Outputs
ICCASB
VCCA Quiescent Supply
VIL e VSS
Current in Low Power Mode
VIH e VCC
550
m
A
No Loads on Outputs
IIL
Input Leakage Current
VIN e VCC
10
m
A
(Note 4)
VIN e VSS
b
10
m
A
OSCILLATOR PIN
(XTAL1CLK)
IOSC
XTAL1 Input Current
VIN e VDD or GND
g
400
m
A
VIH
XTAL1 Input High Voltage
20
V
VIL
XTAL1 Input Low Voltage
08
V
Note 4
The MFM pin is rated for 10 mA b150 mA because of an internal pull-up resistor
Note 5
500 kbs read of ‘‘DB6’’ pattern
38


Similar Part No. - PC8477BVF-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BVF-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com