Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BVF-1 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BVF-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BVF-1 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC8477BVF-1 Datasheet HTML 27Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 28Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 29Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 30Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 31Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 32Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 33Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 34Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
50 Functional Description (Continued)
software polling mode The last two modes are called the
Non-DMA modes The DMA mode is used if the system has
a DMA controller This allows the mP to do other tasks while
the data transfer takes place during the Execution Phase If
the Non-DMA mode is used an interrupt is issued for each
byte transferred during the Execution Phase Also instead
of using the interrupt during Non-DMA mode the Main
Status Register can be polled by software to indicate when
a byte transfer is required All of these data transfer modes
will work with the FIFO enabled or disabled
5321 DMA ModeFIFO Disabled
The DMA mode is selected by writinga0tothe DMA bit in
the Specify command and by setting the DMA enabled bit
(D3) in the DOR With the FIFO disabled a DMA request
(DRQ) is generated in the Execution Phase when each byte
is ready to be transferred The DMA controller should re-
spond in the DRQ with a DMA acknowledge (DACK) and a
read or write strobe The DRQ will be cleared by the leading
edge of the active low DACK input signal After the last byte
is transferred an interrupt is generated indicating the begin-
ning of the Result Phase During DMA operations the chip
select input (CS) must be held high The DACK signal will
act as the chip select for the FIFO in this case and the state
of the address lines A2 – A0 is a don’t care The Terminal
Count (TC) signal can be asserted by the DMA controller to
terminate the data transfer at any time Due to internal gat-
ing TC is only recognized when DACK is low
PC-AT Mode
When in the PC-AT interface mode with the
FIFO disabled the controller will be in single byte transfer
mode That is the system will have one byte time to service
a DMA request (DRQ) from the controller DRQ will be deas-
serted between each byte
PS2 and Model 30 Modes
When in the PS2 or Model 30
modes DMA transfers with the FIFO disabled are per-
formed differently Instead of a single byte transfer mode
the FIFO will actually be enabled with THRESH e 0F (hex)
Thus DRQ will be asserted when one byte has entered the
FIFO during reads and when one byte can be written to the
FIFO during writes DRQ will be deasserted by the leading
edge of the DACK input and will be reasserted when DACK
goes inactive high This operation is very similar to Burst
mode transfer with the FIFO enabled except that DRQ is
deasserted between each byte
5322 DMA ModeFIFO Enabled
Read Data Transfers
Whenever the number of bytes in the FIFO is greater than
or equal to (16bTHRESH) a DRQ is generated This is the
trigger condition for the FIFO read data transfers from the
floppy controller to the mP
Burst Mode
DRQ will remain active until enough bytes
have been read from the controller to empty the FIFO
Non-Burst Mode
DRQ will be deasserted after each read
transfer If the FIFO is not completely empty DRQ will be
reasserted after a 350 ns delay This will allow other higher
priority DMA transfers to take place between floppy trans-
fers In addition this mode will allow the controller to work
correctly in systems where the DMA controller is put into a
read verify mode where only DACK signals are sent to the
FDC with no RD pulses This read verify mode of the DMA
controller is used in some PC software The FIFO Non-Burst
mode allows the DACK input from the DMA controller to be
strobed which will correctly clock data from the FIFO
For both the Burst and Non-Burst modes when the last byte
in the FIFO has been read DRQ will go inactive DRQ will
then be reasserted when the FIFO trigger condition is satis-
fied After the last byte of a sector has been read from the
disk DRQ is again generated even if the FIFO has not yet
reached its threshold trigger condition This will guarantee
that all the current sector bytes are read from the FIFO
before the next sector byte transfer begins
Write Data Transfers
Whenever the number of bytes in the FIFO is less than or
equal to THRESH a DRQ is generated This is the trigger
condition for the FIFO write data transfers from the mPto
the floppy controller
Burst Mode
DRQ will remain active until enough bytes
have been written to the controller to completely fill the
FIFO
Non-Burst Mode
DRQ will be deasserted after each write
transfer If the FIFO is not yet full DRQ will be reasserted
after a 350 ns delay This deassertion of DRQ will allow
other higher priority DMA transfers to take place between
floppy transfers
The FIFO has a byte counter which will monitor the number
of bytes being transferred to the FIFO during write opera-
tions for both Burst and Non-Burst modes When the last
byte of a sector is transferred to the FIFO DRQ will be
deasserted even if the FIFO has not been completely filled
In this way the FIFO will be cleared after each sector is
written Only after the floppy controller has determined that
another sector is to be written will DRQ be asserted again
Also since DRQ is deasserted immediately after the last
byte of a sector is written to the FIFO the system does not
need to tolerate any DRQ deassertion delay and is free to
do other work
Read and Write Data Transfers
The DACK input signal from the DMA controller may be held
active during an entire burst or it may be strobed for each
byte transferred during a read or write operation When in
the Burst mode the floppy controller will deassert DRQ as
soon as it recognizes that the last byte of a burst was trans-
ferred If DACK is strobed for each byte the leading edge of
this strobe is used to deassert DRQ If DACK is strobed RD
or WR are not required This is the case during the Read
Verify mode of the DMA Controller If DACK is held active
during the entire burst the trailing edge of the RD or WR
strobe is used to deassert DRQ DRQ will be deasserted
within 50 ns of the leading edge of DACK RD orWR This
quick response should prevent the DMA controller from
transferring extra bytes in most applications
Overrun Errors
An overrun or underrun error will terminate the execution of
the command if the system does not transfer data within the
allotted data transfer time (see Section 37) which will put
the controller into the Result Phase During a read overrun
the mP is required to read the remaining bytes of the sector
before the controller will assert INT signifying the end of
execution During a write operation an underrun error will
terminate the Execution Phase after the controller has writ-
ten the remaining bytes of the sector with the last correctly
written byte to the FIFO and generated the CRC bytes
Whether there is an error or not an interrupt is generated at
the end of the Execution Phase and is cleared by reading
the first Result Phase byte
31


Similar Part No. - PC8477BVF-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BVF-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com