Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BVF-1 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BVF-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BVF-1 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC8477BVF-1 Datasheet HTML 25Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 26Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 27Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 28Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 29Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 30Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 31Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 32Page - National Semiconductor (TI) PC8477BVF-1 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
40 Command Set Description (Continued)
TABLE 4-16 Verify Command Result Phase Table
MT
EC
SCEOT Value
Termination Result
0
0
DTL used (should be FF hex)
No Errors
EOT s
Sectors per Side
0
0
DTL used (should be FF hex)
Abnormal Termination
EOT l
Sectors per Side
01
SC s
Sectors per Side
No Errors
AND
SC s EOT
01
SC l
Sectors Remaining
Abnormal Termination
OR
SC l EOT
1
0
DTL used (should be FF hex)
No Errors
EOT s
Sectors per Side
1
0
DTL used (should be FF hex)
Abnormal Termination
EOT l
Sectors per Side
11
SC s
Sectors per Side
No Errors
AND
SC s EOT
11
SC s (EOT x 2)
No Errors
AND
EOT s
Sectors per Side
11
SC l (EOT x 2)
Abnormal Termination
Note 1
Sectors per Side e number of formatted sectors per each side of the disk
Note 2
Sectors Remaining e number of formatted sectors left which can be read which includes side 1 of the disk if the MT bit is set to 1
Note 3
If MT e 1 and the SC value is greater than the number of remaining formatted sectors on side 0 verifying will continue on side 1 of the disk
4222 Version Command
The Version command can be used to determine the floppy
controller being used The Result Phase uniquely identifies
the floppy controller version The PC8477B returns a value
of 90 hex in order to be compatible with the 82077 The
DP8473 and other NEC765 compatible controllers will re-
turn a value of 80 hex (invalid command)
4223 Write Data Command
The Write Data command receives data from the host and
writes logical sectors containing a Normal Data AM to the
selected drive The operation of this command is similar to
the Read Data command except that the data is transferred
from the mP to the controller instead of the other way
around
The controller will simulate the Motor On time before start-
ing the operation If implied seeks are enabled the seek and
sense interrupt functions are then performed The controller
then starts the Data Separator and waits for the Data Sepa-
rator to find the next sector Address Field The controller
compares the Address ID (track head sector bytes per
sector) with the desired ID specified in the Command
Phase If there is no match the controller waits to find the
next sector Address Field This process continues until the
desired sector is found If an error condition occurs the IC
bits in ST0 are set to Abnormal Termination and the con-
troller enters the Result Phase Possible errors are
1 The mP aborted the command by writing to the FIFO If
there is no disk in the drive the controller will hang up
The mP must then take the controller out of this hung
state by writing a byte to the FIFO This will put the con-
troller into the Result Phase
2 Two index pulses were detected since the search began
and no valid ID has been found If the track address ID
differs the WT bit or BT bit (if the track address is FF hex)
will be set in ST2 If the head sector or bytes per sector
code did not match the ND bit is set in ST1 If the Ad-
dress Field AM was never found the MA bit is set in ST1
3 The Address Field was found with a CRC error The CE
bit is set in ST1
4 If the controller detects the Write Protect disk interface
input is asserted bit 1 of ST1 is set
If the correct Address Field is found the controller waits for
all (conventional mode) or part (perpendicular mode) of
GAP2 to pass The controller will then write the preamble
field address marks and data bytes to the Data Field The
data bytes are transferred to the controller by the mP
Having finished writing the sector the controller will contin-
ue reading the next logical sector unless one or more of the
following termination conditions occurred
1 The DMA controller asserted TC The IC bits in ST0 are
set to Normal Termination
2 The last sector address (of side 1 if MT was set) was
equal to EOT The EOT bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination This is the expect-
ed condition during Non-DMA transfers
3 Underrun error The OR bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination If the mP cannot
service a transfer request in time the last correctly writ-
ten byte will be written to the disk
29


Similar Part No. - PC8477BVF-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BVF-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com