Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

712-87-102-41-001101 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 712-87-102-41-001101
Description  Single row 2.54 mm, Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

712-87-102-41-001101 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  712-87-102-41-001101 Datasheet HTML 1Page - Precid-Dip Durtal SA 712-87-102-41-001101 Datasheet HTML 2Page - Precid-Dip Durtal SA 712-87-102-41-001101 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
712
712-PP-1NN-41-001101
Single row
2.54 mm, Carrier
"Zero profile" socket connectors. Single socket
contacts for solder mount into PCB, supplied on
disposable carriers.
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
Brass CuZn36Pb3 (C36000)
Contact
Clip (4 finger): Beryllium copper (C17200)
Mating pin Ø
0.40 to 0.56 mm
Insertion force
2 N typ.
Withdrawal force
1 N typ. (polished steel gauge Ø 0.43 mm)
Mechanical life
Min. 500 cycles
Rated current
3 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
NN number of poles. Replace NN with the requested number of poles, e.g. 714-83-1NN-41-001101 for a single row
version with 8 pins becomes 714-83-108-41-001101.
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 712-87-102-41-001101

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
More results

Similar Description - 712-87-102-41-001101

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
714-87-108-41-001101 PREDIP-714-87-108-41-001101 Datasheet
22Kb / 3P
Single row 2.54 mm, Carrier
714-87-120-31-012101 PREDIP-714-87-120-31-012101 Datasheet
22Kb / 3P
Single row 2.54 mm, Carrier
714-91-216-41-001 PREDIP-714-91-216-41-001 Datasheet
65Kb / 1P
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail
714-91-108-31-012 PREDIP-714-91-108-31-012 Datasheet
62Kb / 1P
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit
SERIES811 PREDIP-SERIES811 Datasheet
19Kb / 2P
Single Row 2.54 mm, Straight solder tail
logo
Wurth Elektronik GmbH &...
6610XX113322 WURTH-6610XX113322 Datasheet
644Kb / 2P
2.54 MM INTERCOM SINGLE ROW FEMALE TERMINAL HOUSING
C 17-JUN-16
logo
Precid-Dip Durtal SA
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-30-001 PREDIP-802-10-016-30-001 Datasheet
40Kb / 1P
PCB connectors 2.54 mm Single row / double row Surface mount
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-105 PREDIP-410-91-216-41-105 Datasheet
50Kb / 1P
PCB connectors 2.54 mm Single row / double row Surface mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com