Electronic Components Datasheet Search |
|
PC8477BV-1 Datasheet(PDF) 22 Page - National Semiconductor (TI) |
|
|
|
PC8477BV-1 Datasheet(HTML) 22 Page - National Semiconductor (TI) |
22 / 54 page 40 Command Set Description (Continued) 425 Lock Command The Lock command allows the user full control of the FIFO parameters after a software reset If the LOCK bit is set to 1 then the FIFO THRESH and PRETRK bits in the Configure command are not affected by a software reset In addition the FWR FRD and BST bits in the Mode command will be unaffected by a software reset If the LOCK is 0 (default after a hardware reset) then the above bits will be set to their default values after a software reset This command is useful if the system designer wishes to keep the FIFO en- abled and retain the other FIFO parameter values (such as THRESH) after a software reset After the command byte is written the result byte must be read before continuing to the next command The execution of the Lock command is not performed until the result byte is read by the mP If the part is reset after the command byte is written but before the result byte is read then the Lock command execution will not be performed This is done to prevent accidental execution of the Lock command 426 Mode Command This command is used to select the special features of the controller The bits for the Command Phase bytes are shown in Section 41 Command Set Summary and their function is described below These bits are set to their de- fault values after a hardware reset The default value of each bit is denoted by a ‘‘bullet’’ to the left of each item The value of each parameter after a software reset will be ex- plained TMR Motor Timer mode Default after a software reset 0 e Timers for motor on and motor off are defined for Mode 1 (See Specify command) (default) 1 e Timers for motor on and motor off are defined for Mode 2 (See Specify command) IAF Index Address Format Default after a software reset 0 e The controller will format tracks with the Index Ad- dress Field included (IBM and Perpendicular for- mat) 1 e The controller will format tracks without including the Index Address Field (ISO format) IPS Implied Seek Default after a software reset 0 e The implied seek bit in the command byte of a read write or scan is ignored Implied seeks could still be enabled by the EIS bit in the Configure command 1 e The IPS bit in the command byte of a read write or scan is enabled so that if it is set the controller will perform seek and sense interrupt operations before executing the command LOW PWR Low Power mode Default after a software reset 00 e Completely disable the low power mode (default) 01 e Automatic low power Go into low power mode 512 ms after the head unload timer times out This is based on 500 kbs or 1 Mbs data rate Double this value for 250 kbs 10 e Manual low power Go into low power mode now 11 e Not used ETR Extended Track Range Default after a software reset 0 e Track number is stored as a standard 8-bit value compatible with the IBM ISO and Perpendicular formats This will allow access to up to 256 tracks during a seek operation 1 e Track number is stored as a 12-bit value The up- per four bits of the track value are stored in the upper four bits of the head number in the sector Address Field This allows access to up to 4096 tracks during a seek operation With this bit set an extra byte is required in the Seek Command Phase and Sense Interrupt Result Phase FWR FIFO Write Disable for mP write transfers to control- ler Default after a software reset if LOCK is 0 If LOCK is 1 FWR will retain its value after a software reset Note This bit is only valid if the FIFO is enabled in the Configure command If the FIFO is not enabled in the Configure command then this bit is a don’t care 0 e Enable FIFO Execution Phase mP write transfers use the internal FIFO (default) 1 e Disable FIFO All write data transfers take place without the FIFO FRD FIFO Read Disable for mP read transfer from control- ler Default after a software reset if LOCK is 0 If LOCK is 1 FRD will retain its value after a software reset Note This bit is only valid if the FIFO is enabled in the Configure command If the FIFO is not enabled in the Configure command then this bit is a don’t care 0 e Enable FIFO Execution Phase mP read transfer use the internal FIFO (default) 1 e Disable FIFO All read data transfers take place without the FIFO BST Burst Mode Disable Default after a software reset if LOCK is 0 If LOCK is 1 BST will retain its value after a software reset Note This bit is only valid if the FIFO is enabled in the Configure command If the FIFO is not enabled in the Configure command then this bit is a don’t care 0 e Burst mode enabled for FIFO Execution Phase data transfers (default) 1 e Non-Burst mode enabled The DRQ or INT pin will be strobed once for each byte to be transferred while the FIFO is enabled R255 Recalibrate Step Pulses The bit will determine the maximum number of recalibrate step pulses the controller will issue before terminating with an error Default after a software reset 0 e 85 maximum recalibrate step pulses If ETR e 1 controller will issue 3925 recalibrate step pulses maximum 1 e 255 maximum recalibrate step pulses If ETR e 1 controller will issue 4095 maximum recalibrate step pulses DENSEL Density Select Pin Configuration This two bit val- ue will configure the Density Select output to one of three possible modes The default mode will configure the DEN- SEL pin according to the state of the IDENT input pin after a data rate has been selected That is if IDENT is high the DENSEL pin is active high for the 500 kbs or 1 Mbs data rates 22 |
Similar Part No. - PC8477BV-1 |
|
Similar Description - PC8477BV-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |