Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 15Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 16Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 17Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 18Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 19Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 20Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 21Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 22Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
40 Command Set Description (Continued)
42 COMMAND DESCRIPTION
421 Configure Command
The Configure Command will control some operation modes
of the controller It should be issued during the initialization
of the PC8477B after power up The function of the bits in
the Configure registers is described below These bits are
set to their default values after a hardware reset The value
of each bit after a software reset is explained The default
value of each bit is denoted by a ‘‘bullet’’ to the left of each
item
EIS
Enable Implied Seeks Default after a software reset
 0 e Implied seeks disabled through Configure command
Implied seeks can still be enabled through the Mode
command when EIS e 0 (default)
1 e
Implied seeks enabled for a read write scan or veri-
fy operation A seek and sense interrupt operation
will be performed prior to the execution of the read
write scan or verify operation The IPS bit does not
need to be set
FIFO
Enable FIFO for Execution Phase data transfers De-
fault after a software reset if the LOCK bit is 0 If the LOCK
bit is 1 then the FIFO bit will retain its previous value after a
software reset
0 e
FIFO enabled for both reads and writes
 1 e FIFO disabled (default)
POLL
Disable for Drive Polling Mode Default after a soft-
ware reset
 0 e Enable polling mode An interrupt is generated after
a reset (default)
1 e
Disable drive polling mode If the Configure com-
mand is issued within 500 ms of a hardware or soft-
ware reset then an interrupt will not be generated In
addition the four Sense Interrupt commands to clear
the ‘‘Ready Changed State’’ of the four logical drives
will not be required
THRESH
The FIFO threshold in the Execution Phase of
read and write data transfers Programmable from 00 to 0F
hex Defaults to 00 after a software reset if the LOCK bit is
0 If the LOCK bit is 1 then THRESH will retain its value A
high value of THRESH is suited for slow response systems
and a low value of THRESH is better for fast response sys-
tems
PRETRK
Starting track number for write precompensation
Programmable from track 0 (‘‘00’’) to track 255 (‘‘FF’’) De-
faults to track 0 (‘‘00’’) after a software reset if the LOCK bit
is 0 If the LOCK bit is 1 then PRETRK will retain its value
422 Dumpreg Command
The Dumpreg command is designed to support system run-
time diagnostics and application software development and
debug This command has a one byte command phase and
a ten byte result phase which return the values of parame-
ters set in other commands That is the PTR (Present Track
Register) contains the least significant byte of the track the
microcode has stored for each drive The Step Rate Time
Motor Off and Motor On Times and the DMA bit are all set
in the Specify command
The sixth byte of the result phase varies depending on
which commands have been previously executed If a for-
mat command has previously been issued and no reads or
writes have been issued since then then this byte will con-
tain the Sectors per track value If a read or a write com-
mand has been executed more recently than a format com-
mand this byte will contain the End of Track value The
LOCK bit is set in the Lock command The eighth result byte
also contains the bits programmed in the Perpendicular
Mode command The last two bytes of the Dumpreg Result
Phase are set in the Configure command After a hardware
or software reset the parameters in the result bytes will be
set to their appropriate default values
Note
Some of these parameters are unaffected by a software reset de-
pending on the state of the LOCK bit
423 Format Track Command
This command will format one track on the disk in IBM ISO
or Perpendicular Format After the index hole is detected
data patterns are written on the disk including all Gaps Ad-
dress Marks Address Fields and Data Fields The exact
format is determined by the following parameters
1 The MFM bit in the Opcode (first command) byte which
determines the format of the Address Marks and the en-
coding scheme
2 The IAF bit in the Mode command which selects be-
tween IBM and ISO format
3 The WGATE and GAP bits in the Perpendicular Mode
command which select between the conventional and
Toshiba Perpendicular format
4 The Bytes per Sector code which determines the sector
size
5 The Sectors per Track parameter which determines how
many sectors will be formatted on the track
6 The Data Pattern byte which is used as the filler byte in
the Data Field of each sector
To allow for flexible formatting the mP must supply the four
Address Field bytes (track head sector bytes per sector
code) for each sector formatted during the Execution
Phase This allows for non-sequential sector interleaving
This transfer of bytes from the mP to the controller can be
done in the DMA or Non-DMA mode with the FIFO enabled
or disabled
19


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com