Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 8Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 9Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 10Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 11Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 12Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 13Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 14Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 15Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
30 Register Description (Continued)
D5
Undefined
Should be set to 0
D4 – D2
Precompensation Select
These three bits se-
lect the amount of write precompensation the
floppy controller will use on the WDATA disk
interface output Table 3-4 shows the amount of
precompensation used for each bit pattern In
most cases the default values (Table 3-5) can
be used however alternate values can be cho-
sen for specific types of drives and media
Track 0 is the default starting track number for
precompensation The starting track number
can be changed in the Configure command
D1 – D0
Data Rate Select 10
These bits determine the
data rate for the floppy controller See Table 3-6
for the corresponding data rate for each value
of D1 D0 The data rate select bits are unaffect-
ed by a software reset and are set to 250 kbs
after a hardware reset
TABLE 3-4 Write Precompensation Delays
PRECOMP
Precompensation Delay
432
1
1
1
00 ns
0
0
1
417 ns
0
1
0
833 ns
0
1
1
1250 ns
1
0
0
1667 ns
1
0
1
2083 ns
1
1
0
2500 ns
0
0
0
DEFAULT
TABLE 3-5 Default Precompensation Delays
Data Rate
Precompensation Delay
1 Mbs
417 ns
500 kbs
1250 ns
300 kbs
1250 ns
250 kbs
1250 ns
TABLE 3-6 Data Rate Select Encoding
Data Rate Select
Data Rate
1
2
MFM
FM
1
1
1 Mbs
Illegal
0
0
500 kbs
250 kbs
0
1
300 kbs
150 kbs
1
0
250 kbs
125 kbs
Note
FM mode is not guaranteed through functional testing
37 DATA REGISTER (FIFO)
ReadWrite
The FIFO (readwrite) is used to transfer all commands
data and status between the mP and the PC8477B During
the Command Phase the mP writes the command bytes into
the FIFO after polling the RQM and DIO bits in the MSR
During the Result Phase the mP reads the result bytes from
the FIFO after polling the RQM and DIO bits in the MSR
The enabling of the FIFO and setting of the FIFO threshold
is done via the Configure command If the FIFO is enabled
only the Execution Phase byte transfers use the 16 byte
FIFO The FIFO is always disabled during the Command
and Result Phases of a controller operation If the FIFO is
enabled it will not be disabled after a software reset if the
LOCK bit is set in the Lock Command After a hardware
reset the FIFO is disabled to maintain compatibility with PC-
AT systems
The 16 byte FIFO can be used for DMA Interrupt or soft-
ware polling type transfers during the execution of a read
write format or scan command In addition the FIFO can
be put into a Burst or Non-Burst mode with the Mode com-
mand In the Burst mode DRQ or INT remains active until
all of the bytes have been transferred to or from the FIFO In
the Non-Burst mode DRQ or INT is deasserted for 350 ns
to allow higher priority transfer requests to be serviced The
Mode command can also disable the FIFO for either reads
or writes separately The FIFO allows the system a larger
latency without causing a disk overrununderrun error Typi-
cal uses of the FIFO would be at the 1 Mbs data rate or
with multi-tasking operating systems The default state of
the FIFO is disabled with a threshold of zero The default
state is entered after a hardware reset
Data Register (FIFO)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
Data 70
RESET
Byte Mode
COND
During the Execution Phase of a command involving data
transfer tofrom the FIFO the system must respond to a
data transfer service request based on the following formu-
la
Maximum Allowable Data Transfer Service Time
(THRESH a 1) c 8 c tDRP b (16 c tICP)
This formula is good for all data rates with the FIFO enabled
or disabled THRESH is a four bit value programmed in the
Configure command which sets the FIFO threshold If the
FIFO is disabled THRESH is zero in the above formula The
last term of the formula (16 c tICP) is an inherent delay due
to the microcode overhead required by the PC8477B This
delay is also data rate dependent See Table 6-1 for the
tDRP and tICP times
The programmable FIFO threshold (THRESH) is useful in
adjusting the floppy controller to the speed of the system In
other words a slow system with a sluggish DMA transfer
capability would use a high value of THRESH giving the
system more time to respond to a data transfer service re-
quest (DRQ for DMA mode or INT for Interrupt mode) Con-
versely a fast system with quick response to a data transfer
service request would use a low value of THRESH
38 DIGITAL INPUT REGISTER (DIR)
Read Only
This diagnostic register is used to detect the state of the
DSKCHG disk interface input and some diagnostic signals
The function of this register depends on the register mode
of operation When in the PC-AT mode the D6 – D0 are
TRI-STATE to avoid conflict with the fixed disk status regis-
ter at the same address The DIR is unaffected by a soft-
ware reset
12


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com