Electronic Components Datasheet Search |
|
PC8477BV-1 Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
PC8477BV-1 Datasheet(HTML) 8 Page - National Semiconductor (TI) |
8 / 54 page 20 Pin Description (Continued) Symbol PLCC PQFP IO Function Pin Pin PLL0 39 (Note 1) Phase Locked Loop 01 No connects These pins can be tied high or low with no affect PLL1 40 on the data separator performance RD 441 I Read Active low input to signal a read from the controller to the microprocessor RDATA 41 13 I Read Data This input is the raw serial data read from the disk drive RESET 32 6 I Reset Active high input that resets the controller to the idle state and resets all disk interface outputs to their inactive states The DOR DSR CCR Mode command Configure command and Lock command parameters are cleared to their default values The Specify command parameters are not affected STEP 55 25 O Step This output signal issues pulses to the disk drive at a software programmable rate to move the head during a seek operation TC 25 59 I Terminal Count Control signal from the DMA controller to indicate the termination of a DMA transfer TC is accepted only when DACK is active TC is active high in PC-AT and Model 30 modes and active low in PS2 mode TRK0 2 39 I Track 0 This input indicates to the controller that the head of the selected disk drive is at track zero VCC 18 30 Voltage This is the a5V supply voltage for the digital circuitry 60 37 68 53 WDATA 53 23 O Write Data This output is the write precompensated serial data that is written to the selected disk drive Precompensation is software selectable WGATE 52 22 O Write Gate This output signal enables the write circuitry of the selected disk drive WGATE has been designed to prevent glitches during power up and power down This prevents writing to the disk when power is cycled WP 1 38 I Write Protect This input indicates that the disk in the selected drive is write protected WR 542 I Write Active low input to signal a write from the microprocessor to the controller XTAL1CLK 33 7 I Crystal1Clock One side of an external 24 MHz crystal is attached here If a crystal is not used a TTL or CMOS compatible clock is connected to this pin XTAL2 34 8 I Crystal2 One side of an external 24 MHz crystal is attached here This pin is left unconnected if an external clock is used Note 1 When converting the 68 pin PLCC to a 60 pin PQFP eight pins were removed The following signals were affected in this conversion process 1 NC (No Connect) signals on pins 42 and 43 of the 68 pin PLCC were converted to GND (Ground) signals on pins 14 and 15 of the 60 pin PQFP respectively 2 NC (No Connect) signals on pins 44 and 47 of the 68 pin PLCC were removed for the 60 pin PQFP 3 HIFIL (pin 38) and LOFIL (pin 37) of the 68 pin PLCC were removed for the 60 pin PQFP 4 PLL0 (pin 39) and PLL1 (pin 40) of the 68 PLCC were converted to GND (ground) signals on the PQFP (pins 11 and 12 respectively) 5 The GND (ground) signals on pins 9 12 21 and 65 of the 68 pin PLCC are not available for the 60 pin PQFP These signals are tied to ground internally 8 |
Similar Part No. - PC8477BV-1 |
|
Similar Description - PC8477BV-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |