Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 3Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 4Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 5Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 6Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 7Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 8Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 9Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 10Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
20 Pin Description (Continued)
Symbol
PLCC
PQFP
IO
Function
Pin
Pin
HDSEL
51
21
O
Head Select
This output determines which side of the disk drive is accessed Active selects side
1 inactive selects side 0
HIFIL
38
(Note 1)
High Filter
No connect No external capacitor is required An external capacitor can be
connected but it will have no effect on the data separator performance
IDENT
27
1
I
Identity
During chip reset the IDENT and MFM pins are sampled to determine the mode of
operation according to the following table
IDENT
MFM
Mode
1
1 or NC
PC-AT Mode
1
0
Illegal
0
1 or NC
PS2 Mode
0
0
Model 30 Mode
AT Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B
are disabled (TRI-STATE )
Model 30 Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A
and B are enabled
PS2 Mode
The DMA enable bit in the DOR is a don’t care and the DRQ and INT signals will
always be enabled TC is active low Status Registers A and B are enabled
After chip reset the state of IDENT determines the polarity of the DENSEL output
When IDENT is a logic ‘‘1’’ DENSEL is active high for 500 kbs and 1 Mbs data rates
When IDENT is a logic ‘‘0’’ DENSEL is active low for 500 kbs and 1 Mbs data rates
(See Mode command for further explanation of DENSEL)
INDEX
26
60
I
Index
This input signals the beginning of a track
INT
23
57
O
Interrupt
Active high output to signal the completion of the execution phase for certain
commands Also used to signal when a data transfer is ready during a Non-DMA operation When
in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode INT
is always enabled and bit D3 of the DOR is reserved
INVERT
35
9
I
Invert
Determines the polarity of all disk interface signals When tied low the internal disk output
buffers and inverting Schmitt input receivers are enabled and the disk interface signals are active
low When tied high the disk interface signals are active high and external receivers and output
buffers are required
LOFIL
37
(Note 1)
Low Filter
No connect No external capacitor is required An external capacitor can be
connected but it will have no effect on the data separator performance
MFM
48
18
IO MFM During a chip reset when in PS2 mode (IDENT low) this pin is sampled to select the PS2
mode (MFM high) or the Model 30 mode (MFM low) An internal pull-up or external pull-down
10 kX resistor will select between the two PS2 modes When the PC-AT mode is desired (IDENT
high) MFM should be left pulled high internally MFM reflects the current data encoding format
when RESET is inactive MFM e high FM e low Defaults to low after a chip reset This signal
can also be configured as the PUMP data separator diagnostic output via the Mode command (see
Section 426)
MTR0
57
27
O
Motor Select 0 – 3
These are the motor enable lines for drives 0 – 3 and are controlled by bits D7 –
D4 of the Digital Output register
MTR1
61
31
MTR2
63
33
MTR3
66
35
NC
42
(Note 1)
No Connect
These pins must be left unconnected
43
44
47
7


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
Advanced Floppy Disk Formatter/Controller Family
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com