Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 46Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 47Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 48Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 49Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 50Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 51Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 52Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 53Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 54Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
70 Reference Section (Continued)
73 PC8477B INTERFACE IN A PC-AT
The PC8477B interface to the PC-AT bus is simple and re-
quires only an external address decoder All the microproc-
essor inputs and outputs of the PC8477B can be connected
directly to the peripheral bus due to the 12 mA sink capabili-
ty
Figure 7-1
shows the interface with the floppy drive
header and the signal connections to the AT bus The de-
sign will support 12 Meg 144 Meg and 288 Meg drives
Support for the 288 Meg perpendicular drives is accom-
plished
with
the
additional
density
encoding
signal
(DRATE0) on floppy header pin 6 This interface solution will
support perpendicular drives with the encoding scheme list-
ed in Table 7-2 below
TABLE 7-2 Density Encoding
Media
Data Rate
HD
ED
1 Meg
250 kbs
0
0
2 Meg
500 kbs
1
0
4 Meg
1 Mbs
X
1
The HD signal is floppy header pin 2 and the ED signal is
header pin 6 This standard scheme is supported by a num-
ber of perpendicular drive manufacturers Some new per-
pendicular drives are using an auto media sense for density
selection These drives will not require either the HD or ED
signals Here the data rate is determined optically by the
drive due to the hole in the disk
The only use of the 16L8 PAL is address decoding for the
proper floppy address range The primary range is 3F0 – 3F7
while the secondary address range is 370 – 377 Selection
between can be accomplished with a jumper if needed The
address lines A9 – A3 and AEN are input to the PAL from the
peripheral bus The following equation can be used for the
primary range
CS e (AEN
A9
A8
A7
A6
A5
A4
A3)
In this design we have used 1 kX pull-up resistors on the
floppy drive interface If the intended design is to be used
with external drives or long cabling or if 525
disk drives
are to be supported 150 kX pull-ups should be considered
TLF11332 – 24
FIGURE 7-1 8477B in PC-AT System
50


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com