Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 39Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 40Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 41Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 42Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 43Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 44Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 45Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 46Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
60 Device Description (Continued)
625 DMA Timing
Symbol
Parameter
Min
Max
Units
tQP
DRQ Period (Except Non-Burst DMA) (Note 8)
8 x tDRP
m
s
tQQ
DRQ Inactive Non-Burst Pulse Width
300
400
ns
tKQ
DACK Active Edge to DRQ Inactive
65
ns
tRQ
RD WR Active Edge to DRQ Inactive (Note 7)
65
ns
tQR
DRQ to RD WR Active
15
ns
tTT
TC Active Pulse Width
50
ns
tTQ
TC Active Edge to DRQ Inactive (Note 9)
75
ns
tKK
DACK Active Pulse Width
65
ns
tKI
DACK Inactive Pulse Width
25
ns
tKR
DACK Setup to RD WR Active
5
ns
tRK
DACK Hold from RD WR Inactive
0
ns
tQW
DRQ to End of RD WR (Note 8)
(8 x tDRP
m
s
(DRQ Service Time)
b
16xtICP)
tQT
DRQ to TC Active (Note 8)
(8 x tDRP
m
s
(DRQ Service Time)
b
16xtICP)
Note 7
The active edge of RD or WR is recognized only when DACK is active
Note 8
Values shown are with the FIFO disabled or with FIFO enabled and THRESH e 0 For nonzero values of THRESH add (THRESHx8xtDRP) to the values
shown
Note 9
During normal DMA operation TC should occur when DACK is active during the last byte of the last sector transferred
TLF11332 – 19
FIGURE 6-4 DMA Timing
43


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com