Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 35Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 36Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 37Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 38Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 39Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 40Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 41Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 42Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
60 Device Description (Continued)
DC Characteristics
Under Recommended Operating Conditions (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MICROPROCESSOR INTERFACE PINS
(D7 – D0 A2 – A0 CS RD WR INT DRQ DACK TC RESET)
VOH
Output High Voltage
IOH eb4 mA
30
V
VOL
Output Low Voltage
IOL e 12 mA
04
V
IOZ
Input TRI-STATE
VIN e VCC
10
m
A
Leakage Current
VIN e 0
b
10
m
A
(D7 – D0 INT DRQ)
DISK INTERFACE PINS
VH
Input Hysteresis
250
mV
VOH
Output High Voltage (Note 5)
IOH eb4 mA
30
V
VOL
Output Low Voltage
IOL e 48 mA
04
V
ILKG
Output High Leakage Current
VIN e VCC
10
m
A
(Note 6)
VIN e 0V
b
10
m
A
MISCELLANEOUS PINS
VOH
Output High Voltage
IOH eb4mA
30
V
(DRATE0 – 1 MFM)
VOL
Output Low Voltage
IOL e 6mA
04
V
(DRATE0 – 1)
VOL
Output Low Voltage (MFM)
IOL e 4 mA
04
V
Note 5
VOH for the disk interface pins is valid for CMOS buffered outputs only
Note 6
This parameter is valid for Open Drain output configuration only
62 PHASE LOCKED LOOP CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Dynamic Window Margin
TDW
(Note)
68
73
%
Note
Dynamic window margin is tested at both VCC extremes with a repeating ‘‘DB6’’ pattern and 0% MSV 500 kbs 300 kbs 250 kbs and 1 Mbs are tested
at 68%
39


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com