Electronic Components Datasheet Search |
|
PC8477BV-1 Datasheet(PDF) 37 Page - National Semiconductor (TI) |
|
|
|
PC8477BV-1 Datasheet(HTML) 37 Page - National Semiconductor (TI) |
37 / 54 page 50 Functional Description (Continued) power Because the internal circuitry is driven from the oscil- lator clock it will also be disabled while the oscillator is off Upon entering the power down state the RQM (Request For Master) bit in the MSR will be cleared There are two ways the part can recover from the power down state and re-enable the oscillator and data separator The part will power up after a software reset via the DOR or DSR Since a software reset requires reinitialization of the controller this method can be undesirable The part will also power up after a read or write to either the Data Register or Main Status Register This is the preferred method of power up since all internal register values are retained It may take a few milliseconds for the oscillator to stabilize and the mP will be prevented from issuing commands during this time through the normal Main Status Register protocol That is the RQM bit in the MSR will be a 0 until the oscillator has stabilized When the controller has completely stabilized from power up the RQM bit in the MSR is set to 1 and the controller can continue where it left off There are two modes of low power in the floppy controller manual low power and automatic low power Manual low power is enabled by writinga1tobit D6 of the DSR The chip will go into low power immediately This bit will be cleared to 0 after the chip is brought out of low power Man- ual low power can also be accessed via the Mode com- mand The function of the manual low power mode is a logical OR function between the DSR low power bit and the Mode command manual low power bit setting When using an external clock with the PC8477B you must wait at least 2 ms after low power mode is invoked before turning off the external clock This will insure the PC8477B is powered down correctly Automatic low power mode will switch the controller into low power 500 ms after it has entered the idle state (based on the 500 kbs MFM data rate) Once the auto low power mode is set it does not have to be set again and the con- troller will automatically go into low power mode after it has entered the idle state Automatic low power mode can only be set with the Mode command Power up from automatic low power is performed by the method described above The Data Rate Select Digital Output and Configuration Control Registers are unaffected by the power down mode They will remain active It is up to the user to ensure that the Motor and Drive Select signals are turned off 511 RESET OPERATION The PC8477B floppy controller can be reset by hardware or software Hardware reset is enacted by pulsing the RESET input pin A hardware reset will set all of the user address- able registers and internal registers to their default values The Specify command values will be don’t cares so they must be reinitialized The major default conditions are FIFO disabled FIFO threshold e 0 Implied Seeks disabled and Drive Polling enabled A software reset can be performed through the Digital Out- put Register or Data Rate Select Register The DSR reset bit is self-clearing while the DOR reset bit is not self-clear- ing If the LOCK bit in the Lock command was set to a 1 previous to the software reset the FIFO THRESH and PRETRK parameters in the Configure command will be re- tained In addition the FWR FRD and BST parameters in the Mode command will be retained if LOCK is set to 1 This function eliminates the need for total reinitialization of the controller after a software reset After a hardware or software reset the Main Status Register is immediately available for read access by the mP It will return a 00 hex value until all the internal registers have been updated and the data separator is stabilized When the controller is ready to receive a command byte the MSR will return a value of 80 hex (Request for Master bit is set) The MSR is guaranteed to return the 80 hex value within 25 ms after a hardware or software reset All other user addressable registers other than the Main Status Register and Data Register (FIFO) can be accessed at any time even while the part is in reset 37 |
Similar Part No. - PC8477BV-1 |
|
Similar Description - PC8477BV-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |