Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 32Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 33Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 34Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 35Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 36Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 37Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 38Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 39Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
50 Functional Description (Continued)
TLF11332 – 13
FIGURE 5-5 Perpendicular Recording Drive RW Head and Pre-Erase Head
In 288M drives the pre-erase head leads the readwrite
head by 200 mm which translates to 38 bytes at 1 Mbs
(19 bytes at 500 kbs) For both conventional and perpen-
dicular drives WGATE is asserted with respect to the posi-
tion of the readwrite head With conventional drives this
means that WGATE is asserted when the readwrite head is
located at the beginning of the Data Field preamble With
the 288M drives since the preamble must be pre-erased
before it is rewritten WGATE should be asserted when the
pre-erase head is located at the beginning of the Data Field
preamble This means that WGATE should be asserted
when the readwrite head is at least 38 bytes (at 1 Mbs)
before the preamble See Table 4-4 for a description of the
WGATE timing for perpendicular drives at the various data
rates
Because of the 38 byte spacing between the readwrite
head and the pre-erase head at 1 Mbs the GAP2 length of
22 bytes used in the standard IBM disk format is not long
enough There is a new format standard for 288M drives at
1 Mbs called the Perpendicular Format which increases
the GAP2 length to 41 bytes (see
Figure 4-1 )
The Perpendicular Mode command of the PC8477B will put
the floppy controller into perpendicular recording mode
which allows it to read and write perpendicular media Once
this command is invoked the read write and format com-
mands can be executed in the normal manner The perpen-
dicular mode of the floppy controller will work at all data
rates adjusting the format and write data parameters ac-
cordingly See Section 428 for more details
58 DATA RATE SELECTION
The data rate can be chosen two different ways with the
PC8477B For PC compatible software the Configuration
Control Register at address 3F7 (hex) is used to program
the data rate for the floppy controller The lower bits D1 and
D0 are used in the CCR to set the data rate The other bits
should be set to zero See Table 3-6 for the data rate select
encoding
The data rate can also be set using the Data Rate Select
Register at address 4
Again
the lower two bits of
the register are used to set the data rate The encoding of
these bits is exactly the same as those in the CCR The
remainder of the bits in the DSR are used for other func-
tions Consult the Register Description (Section 51) for
more details
The data rate is determined by the last value that is written
to either the CCR or the DSR In other words either the
CCR or the DSR can override the data rate selection of the
other register
When the data rate is selected the microengine and data
separator clocks are scaled appropriately
Also
the
DRATE0 and DRATE1 output pins will reflect the state of
the data select bits that were last written to either the CCR
or the DSR
59 WRITE PRECOMPENSATION
Write precompensation is a way of preconditioning the
WDATA output signal to adjust for the effects of bit shift on
the data as it is written to the disk surface Bit shift is caused
by the magnetic interaction of data bits as they are written
to the disk surface and has the effect of shifting these data
bits away from their nominal position in the serial MFM or
FM data pattern Data that is subject to bit shift is much
harder to read by a data separator and can cause soft read
errors Write precompensation predicts where bit shift could
occur within a data pattern It then shifts the individual data
bits early late or not at all such that when they are written
to the disk the resultant shifted data bits will be back in their
nominal position
The PC8477B supports software programmable write pre-
compensation Upon power up the default write precomp
values will be used (see Table 3-5) The programmer can
choose a different value of write precomp with the DSR
register if desired (see Table 3-4) Also on power up the
default starting track number for write precomp is track zero
This starting track number for write precomp can be
changed with the Configure command
510 LOW POWER MODE LOGIC
The PC8477B supports a low power mode in which the
oscillator and data separator circuitry are turned off The
floppy controller will typically draw about 1 mA while in low
36


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com