Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 31Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 32Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 33Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 34Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 35Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 36Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 37Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 38Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
50 Functional Description (Continued)
500 kbs
TLF11332 – 11
1 Mbs
TLF11332 – 12
FIGURE 5-4 PC8477B Dynamic Window Margin Performance with g3% ISV at 1 kHz
(Typical performance at VCC e 50V 25 C)
55 CRYSTAL OSCILLATOR
The PC8477B is clocked by a single 24 MHz signal for the
250 kbs 300 kbs 500 kbs and 1 Mbs data rates An
on-chip oscillator is provided to enable the attachment of a
crystal or a clock signal If a crystal is used the following
parameters are required
Crystal Specifications
Frequency
24 MHz
Mode
Parallel Resonant (preferred)
Fundamental Mode
Effective Series
Resistance (ESR)
Less than 50X
Shunt Capacitance
Less than 7 pF
Recommended Crystals
NEL Frequency Controls
NEL-C5480N
24 MHz
NEL-C2800N
24 MHz
SaRonix
NMP240
24 MHz
A parallel resonant crystal is preferred if at all possible In
some cases a series resonant crystal can be used but care
must be taken to ensure that the crystal does not oscillate
at a sub-harmonic frequency The oscillator circuit is able to
utilize high profile low profile and surface mount type crys-
tal enclosures External bypass capacitors (5 pF to 15 pF)
should be connected from XTAL1 and XTAL2 to GND If an
external oscillator circuit is used it must have a duty cycle of
at least 40% – 60% and minimum input levels of 20V and
08V The controller should be configured so that the exter-
nal oscillator clock is input into the XTAL1CLK pin and
XTAL2 is left unconnected
56 DYNAMIC WINDOW MARGIN PERFORMANCE
The performance of the data separator is measured by its
ability to read and decode incoming pulses shifted away
from the nominal position The percentage window margin
indicates how much bit shift the data separator will tolerate
and still be able to read correctly For a Dynamic Window
Margin test all the bits in the data pattern are subject to jitter
(as they would be in a real floppy drive) and the frequency
of the data stream is subject to changes arising from motor
speed variations
Typical dynamic margin performance
curves for the PC8477B are listed in
Figure 5-3 Thse mea-
surements are taken using a FlexStar FS-540 Disk Simula-
tor with a repetitive ‘‘DB6’’ data pattern The graphs indicate
motor speed variation (MSV) vs bit jitter tolerance for the
floppy controller For reliable performance with tape drives
the data separator needs to be able to track to instanta-
neous changes as well
Figure 5-4 shows jitter tolerance vs
MSV with an added instantaneous speed variation (ISV) of
g
3% at frequency of 1 kHz These are typical performance
curves and measured at VCC e 50V and 25 C A good
data separator should be able to tolerate at least g6%
MSV and 60% window margin
57 PERPENDICULAR RECORDING MODE
The PC8477B is fully compatible with perpendicular record-
ing mode disk drives at all data rates These perpendicular
mode drives are also called 4 Mbyte (unformatted) or
288 Mbyte (formatted) drives which refers to their maxi-
mum storage capacity Perpendicular recording will orient
the magnetic flux changes (which represent bits) vertically
on the disk surface allowing for a higher recording density
than the conventional longitudinal recording methods With
this increase in recording density comes an increase in the
data rate of up to 1 Mbs thus doubling the storage capaci-
ty In addition the perpendicular 288M drive is readwrite
compatible with 144M and 720k diskettes (500 kbs and
250 kbs respectively)
The 288M drive has unique format and write data timing
requirements due to its readwrite head and pre-erase head
design (see
Figure 5-5 ) Unlike conventional disk drives
which have only a readwrite head the 288M drive has
both a pre-erase head and readwrite head With conven-
tional disk drives the readwrite head by itself is able to
rewrite the disk without problems For 288M drives a pre-
erase head is needed to erase the magnetic flux on the disk
surface before the readwrite can write to the disk surface
The pre-erase head is activated during disk write operations
only ie Format and Write Data commands
35


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com