Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC8477BV-1 Datasheet HTML 1Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 2Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 3Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 4Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 5Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 6Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 7Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 8Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
List of Figures
PC8477B Functional Block Diagram
1-1
PC8477B Pin Diagram for 68 Pin PLCC and 60 Pin PQFP
1-2
IBM
Perpendicular and ISO Formats Supported by Format Command
4-1
PC8477B Data Separator Block Diagram
5-1
Read Data AlgorithmState Diagram
5-2
PC8477B Dynamic Window Margin Performance
5-3
PC8477B Dynamic Window Margin Performance with g3% ISV
5-4
Perpendicular Recording Drive RW Head and Pre-Erase Head
5-5
Clock Timing
6-1
Microprocessor Read Timing
6-2
Microprocessor Write Timing
6-3
DMA Timing
6-4
Reset Timing
6-5
Write Data Timing
6-6
Drive Control Timing
6-7
Read Data Timing
6-8
PC8477B in a PC-AT System
7-1
PC84777B Initialization
7-2
List of Tables
Register Description and Addresses
3-1
Drive Enable Values
3-2
Tape Drive Assignment Values
3-3
Write Precompensation Delays
3-4
Default Precompensation Delays
3-5
Data Rate Select Encoding
3-6
Typical Format Gap Length Values
4-1
DENSEL Encoding
4-2
DENSEL Default Encoding
4-3
Effects of WGATE and GAP
4-4
Sector Size Selection
4-5
SK Effect of Read Data Command
4-6
Result Phase Termination Values with No Error
4-7
SK Effect on Read Deleted Data Command
4-8
Maximum Recalibrate Step Pulses Based on R255 and ETR
4-9
Scan Command Termination Values
4-10
Status Register 0 Termination Codes
4-11
Set Track Register Address
4-12
Step Rate (SRT) Values
4-13
Motor Off Time (MFT) Values
4-14
Motor On Time (MNT) Values
4-15
Verify Command Result Phase Table
4-16
Nominal tICP tDRP Values
6-1
Minimum tWDW Values
6-2
PC8477B – 82077 Parameter Comparison
7-1
Density Encoding
7-2
3


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com