Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 24Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 25Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 26Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 27Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 28Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 29Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 30Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 31Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
40 Command Set Description (Continued)
4219 Set Track Command
This command is used to inspect or change the value of the
internal Present Track Register This could be useful for re-
covery from disk mis-tracking errors where the real current
track could be read through the Read ID command and
then the Set Track command could be used to set the inter-
nal Present Track Register to the correct value
If the WNR bit is a 0 a track register is to be read In this
case the Result Phase byte contains the value in the inter-
nal register specified and the third byte in the Command
Phase is a dummy byte
If the WNR bit is a 1 data is written to a track register In this
case the third byte of the Command Phase is written to the
specified internal track register and the Result Phase byte
contains this new value written
The DS1 and DS0 bits select the Present Track Register for
the particular drive The internal register address depends
on MSB DS1 and DS0 as shown in Table 4-12 This com-
mand does not generate an interrupt
TABLE 4-12 Set Track Register Address
DS1
DS0
MSB
Register Addressed
0
0
0
PTR0(LSB)
0
0
1
PTR0(MSB)
0
1
0
PTR1(LSB)
0
1
1
PTR1(MSB)
1
0
0
PTR2(LSB)
1
0
1
PTR2(MSB)
1
1
0
PTR3(LSB)
1
1
1
PTR3(MSB)
4220 Specify Command
The Specify command sets the initial values for three inter-
nal timers The function of these Specify parameters is de-
scribed below The parameters of this command are unde-
fined after power up and are unaffected by any reset Thus
software should always issue a Specify command as part of
an initialization routine This command does not generate
an interrupt
The Motor Off and Motor On timers are artifacts of the
m
PD765 These timers determine the delay from selecting a
drive motor until a read or write operation is started and the
delay of deselecting the drive motor after the command is
completed Since the PC8477B enables the drive and motor
select line directly through the DOR these timers only pro-
vide some delay from the initiation of a command until it is
actually started
Step Rate Time
These four bits define the time interval
between successive step pulses during a seek implied
seek recalibrate or relative seek The programming of this
step rate is shown in Table 4-13
TABLE 4-13 Step Rate Time (SRT) Values
Data Rate
Value
Range
Units
1 Mbs
(16-SRT) x 05
05 – 8
ms
500 kbs
(16-SRT)
1 – 16
ms
300 kbs
(16-SRT) x 167
167 – 267
ms
250 kbs
(16-SRT) x 2
2 – 32
ms
Motor Off Time
These four bits determine the simulated
Motor Off time as shown in Table 4-14
TABLE 4-14 Motor Off Time (MFT) Values
Rate
Data
Mode 1 (TMR e 0)
Mode 2 (TMR e 1)
Units
Value
Range
Value
Range
1 Mbs MFT x 8
8 – 128
MFT x 512
512 – 8192
ms
500 kbs MFT x 16
16 – 256
MFT x 512
512 – 8192
ms
300 kbs MFT x 803 267 – 427 MFT x 25603 853 – 13653
ms
250 kbs MFT x 32
32 – 512
MFT x 1024
1024 – 16384
ms
Note
MFT e 0 is treated as Motor Off Time e 16
Motor On Time
These seven bits determine the simulated
Motor On time as shown in Table 4-15
TABLE 4-15 Motor On Time (MNT) Values
Rate
Data
Mode 1 (TMR e 0)
Mode 2 (TMR e 1)
Units
Value
Range
Value
Range
1 Mbs
MNT
1–128
MNT x 32
32–4096
ms
500 kbs
MNT
1–128
MNT x 32
32–4096
ms
300 kbs MNT x 103 33–427 MNT x 1603 53–6827
ms
250 kbs
MNT x 4
4–512
MNT x 64
64–8192
ms
Note 1
MNT e 0 is treated as Motor On Time e 128
Note 2
For PC8477A at 500 kbs when TMR e 0 the value is MNTx2and
range is 2–256
DMA
This bit selects the data transfer mode in the Execu-
tion Phase of a read write or scan operation
0
DMA mode is selected
1
Non-DMA mode is selected
4221 Verify Command
The Verify command reads logical sectors containing a Nor-
mal Data AM from the selected drive without transferring
the data to the host This command is identical to the Read
Data command except that no data is transferred during
the Execution Phase
The Verify command is designed for post-format or post-
write verification Data is read from the disk as the control-
ler checks for valid Address Marks in the Address and Data
Fields The CRC is computed and checked against the pre-
viously stored value on the disk The EOT value should be
set to the final sector to be checked on each side If EOT is
greater than the number of sectors per side the command
will terminate with an error and no useful Address Mark or
CRC data will be given
The TC pin cannot be used to terminate this command
since no data is transferred The command can simulate a
TC by setting the EC bit to a 1 In this case the command
will terminate when SC (Sector Count) sectors have been
read (If SC e 0 then 256 sectors will be verified) If EC e
0 then the command will terminate when EOT is equal to
the last sector to be checked In this case the Data Length
parameter should be set to FF hex Refer to Table 4-7 for
the Result Phase values for a successful completion of the
command Also see Table 4-16 for further explanation of
the result bytes with respect to the MT and EC bits
28


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com