Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC8477BV-1 Datasheet HTML 19Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 20Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 21Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 22Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 23Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 24Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 25Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 26Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
40 Command Set Description (Continued)
If IDENT is low the DENSEL pin is active low for the
500 kbs or 1 Mbs data rates In addition to these modes
the DENSEL output can be set to always low or always high
as shown in Table 4-2 This will allow the user more flexibili-
ty with new drive types
Note
The DENSEL output values shown below are with the INVERT pin
tied low If the INVERT pin is tied high the outputs shown below have
the opposite polarity
TABLE 4-2 DENSEL Decoding
Bit 1
Bit 0
DENSEL Pin Definition
0
0
low
0
1
high
1
0
undefined
1
1
DEFAULT
TABLE 4-3 DENSEL Default Encoding
Data Rate
DENSEL (default)
IDENT e 1
IDENT e 0
250 kbs
low
high
300 kbs
low
high
500 kbs
high
low
1 Mbs
high
low
BFR
CMOS Disk Interface Buffer Enable
 0 e Drive output signals configured as standard 4 mA
push-pull outputs (actually 48 mA sink
4 mA
source) (default)
1 e
Drive output signals configured as 48 mA open-
drain outputs
WLD
Scan Wild Card
 0 e An FF (hex) from either the mP or the disk during a
Scan command is interpreted as a wildcard charac-
ter that will always match true (default)
1 e
The Scan commands do not recognize FF (hex) as
a wildcard character
Head Settle
Time allowed for readwrite head to settle af-
ter a seek during an Implied Seek operation
Data Rate
HST
Range
250 kbs
N x 8
0 – 120 ms
300 kbs
N x 667
0 – 100 ms
500 kbs
N x 4
0 – 60 ms
1 Mbs
N x 2
0 – 30 ms
Note
N e 8 (default)
HST e Head Settle Time
RG
Read Gate Diagnostic
 0 e Enable DSKCHG disk interface input for normal op-
eration (default)
1 e
Enable DSKCHG to act as an external Read Gate
input signal to the Data Separator This is intended
as a test mode to aid in evaluation of the Data Sep-
arator
PU
PUMP Pulse Output Diagnostic
 0 e Enable MFM output pin for normal operation (de-
fault)
1 e
Enable the MFM output to act as the active low out-
put of the Data Separator charge pump This signal
consists of a series of pulses indicating when the
phase comparator is making a phase correction
This Pump output will be active low for a pump up or
pump down signal from the phase comparator and
is intended as a test mode to aid in the evaluation of
the Data Separator
427 NSC Command
The NSC command can be used to distinguish between the
PC8477B version and the Intel 82077AA The result Phase
byte uniquely identifies the floppy controller as a PC8477B
which returns a value of 73 hex The 82077AA and DP8473
return a value 80h signifying an invalid command The lower
four bits of this result byte are subject to change by NSC
and will reflect the particular version of the PC8477B part
Note
The PC8477A will return a value of 72h in the result phase of the
NSC command
428 Perpendicular Mode Command
The Perpendicular Mode command is designed to support
the unique Format and Write Data requirements of Perpen-
dicular (Vertical) Recording disk drives (4 Mbytes unformat-
ted capacity) The Perpendicular Mode command will con-
figure each of the four logical drives as a perpendicular or
conventional disk drive Configuration of the four logical disk
drives is done via the D3 – D0 bits or with the GAP and WG
control bits This command should be issued during the ini-
tialization of the floppy controller
Perpendicular Recording drives operate in ‘‘Extra High Den-
sity’’ mode at 1 Mbs and are downward compatible with
144 Mbyte and 720 kbyte drives at 500 kbs (High Density)
and 250 kbs (Double Density) respectively If perpendicular
drives are present in the system this command should be
issued during initialization of the floppy controller which will
configure each drive as perpendicular or conventional
Then when a drive is accessed for a Format or Write Data
command the floppy controller will adjust the Format or
Write Data parameters based on the data rate (see Table
4-4)
Looking at the second command byte DC3 – DC0 corre-
spond to the four logical drives A ‘‘0’’ written to DCn sets
drive n to conventional mode and a ‘‘1’’ sets drive n to
perpendicular mode Also the OW (Overwrite) bit offers ad-
ditional control When OW e 1 changing the values of
DC3 – DC0 (drive configuration bits) is enabled
When
OW e 0 the internal values of DC3 – DC0 are unaffected
regardless of what is written to DC3 – DC0
The function of the DCn bits must also be qualified by set-
ting both WG and GAP to 0 If WG and GAP are used (ie
not set to 00) they will override whatever is programmed in
the DCn bits Table 4-4A indicates the operation of the
PC8477B based on the values of GAP and WG Note that
when GAP and WG are both 0 the DCn bits are used to
configure each logical drive as conventional or perpendicu-
lar DC3 – DC0 are unaffected by a software reset but WG
and GAP are both cleared to 0 after a software reset A
hardware reset will reset all the bits to zero (conventional
mode for all drives) The Perpendicular Mode command bits
may be rewritten at any time
Note
When in the Perpendicular Mode for any drive at any data rate via the
DC3–DC0 bits write precompensation is set to zero
23


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com