Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH30L06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH30L06-Y
Description  Low thermal resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH30L06-Y Datasheet HTML 1Page - STMicroelectronics STTH30L06-Y Datasheet HTML 2Page - STMicroelectronics STTH30L06-Y Datasheet HTML 3Page - STMicroelectronics STTH30L06-Y Datasheet HTML 4Page - STMicroelectronics STTH30L06-Y Datasheet HTML 5Page - STMicroelectronics STTH30L06-Y Datasheet HTML 6Page - STMicroelectronics STTH30L06-Y Datasheet HTML 7Page - STMicroelectronics STTH30L06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH30L06-Y
4/8
Doc ID 018925 Rev 1
Figure 7.
Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
300
350
400
450
500
S factor
I < 2 x I
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
IRM
QRR
trr
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
450
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
D PAK
2
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S
(cm²)
CU
Epoxy printed circuit board
FR4, copper thickness = 35 µm


Similar Part No. - STTH30L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
More results

Similar Description - STTH30L06-Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
Low thermal resistance
September 2014 Rev 1
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
April 2017 Rev 3
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
April 2014 Rev 4
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
June 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com