Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 10Page - Texas Instruments TPS22810_17 Datasheet HTML 11Page - Texas Instruments TPS22810_17 Datasheet HTML 12Page - Texas Instruments TPS22810_17 Datasheet HTML 13Page - Texas Instruments TPS22810_17 Datasheet HTML 14Page - Texas Instruments TPS22810_17 Datasheet HTML 15Page - Texas Instruments TPS22810_17 Datasheet HTML 16Page - Texas Instruments TPS22810_17 Datasheet HTML 17Page - Texas Instruments TPS22810_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
TPS22810
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
QOD pin is unused and left floating. Using this method, there is no quick output discharge functionality, and
the output remains floating after the switch is disabled.
Note that during thermal shutdown, the QOD functionality is not available. The device does not discharge the
load as RPD does not become engaged.
The fall times of the device depend on many factors including the total resistance of the QOD, VIN, and the
output capacitance. When QOD is connected to VOUT, the fall time changes over VIN as the internal RPD varies
over VIN. To calculate the approximate fall time of VOUT for a given RQOD, use Equation 2 and Table 1.
VCAP = VIN × e
-t/τ
where
VCAP is the voltage across the capacitor (V)
t is the time since power supply removal (s)
τ is the time constant equal to RQOD × CL
(2)
The fall times' dependency on VIN becomes minimal as the QOD value increases with additional external
resistance. See Table 1 for QOD fall times.
(1)
TYPICAL VALUES WITH QOD SHORTED TO VOUT
Table 1. QOD Fall Times
VIN (V)
FALL TIME (μs) 90% - 10%, CIN = 1 μF, IOUT = 0 A , VIN = 0 V, ON = 0 V
(1)
TA = 25°C
TA = 85°C
CL = 1 μF
CL = 10 μF
CL = 100 μF
CL = 1 μF
CL = 10 μF
CL = 100 μF
18
470
4700
47000
470
4700
47000
12
450
4500
45000
450
4500
45000
9
440
4400
44000
440
4400
44000
5
500
5000
50000
480
4800
48000
3.3
600
6000
60000
570
5700
57000
9.3.2.1 QOD when System Power is Removed
The adjustable QOD can be used to control the power down sequencing of a system even when the system
power supply is removed. When the power is removed, the input capacitor, CIN, discharges at VIN. Past the set
UVLO level, the pull-down resistance RPD becomes disabled and the output no longer becomes discharged. If
there is still remaining charge on the output capacitor, this results in longer fall times. Care must be taken such
that CIN is large enough to meet the device UVLO settings.
9.3.2.2 Internal QOD Considerations
Special considerations must be taken when using the internal RPD by shorting the QOD pin to the VOUT pin. The
internal RPD is a pulldown resistance designed to quickly discharge a load after the switch has been disabled.
Care must be used to ensure that excessive current does not flow through RPD during discharge so that the
maximum TJ of 125°C is not exceeded. When using only the internal RPD to discharge a load, the total capacitive
load must not exceed 200 uF. Otherwise, an external resistor, REXT, must be used to ensure the amount of
current flowing through RPD is properly limited and the maximum TJ is not exceeded. To ensure the device is not
damaged, the remaining charge from CL needs to decay naturally through the internal QOD resistance and must
not be driven.
9.3.3 EN/UVLO
As an input pin, EN/UVLO controls the ON and OFF state of the internal MOSFET. In its high state, the internal
MOSFET is enabled. A low on this pin turns off the internal MOSFET. High and Low levels are specified in the
parametric table of the datasheet
A voltage V(EN/UVLO < V(ENF) on this pin turns off the internal FET, thus disconnecting VIN from VOUT, while
voltage below V(SHUTF) takes the device into shutdown mode, with IQ less than 1 μA to ensure minimal power
loss.


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com