Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 9Page - Texas Instruments TPS22810_17 Datasheet HTML 10Page - Texas Instruments TPS22810_17 Datasheet HTML 11Page - Texas Instruments TPS22810_17 Datasheet HTML 12Page - Texas Instruments TPS22810_17 Datasheet HTML 13Page - Texas Instruments TPS22810_17 Datasheet HTML 14Page - Texas Instruments TPS22810_17 Datasheet HTML 15Page - Texas Instruments TPS22810_17 Datasheet HTML 16Page - Texas Instruments TPS22810_17 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Charge Pump
VIN
EN/UVLO
VOUT
GND
CT
Control Logic
2.54 V
2.4 V
1.23 V
1.13 V
Thermal
Shutdown
QOD
Copyright © 2016, Texas Instruments Incorporated
13
TPS22810
www.ti.com
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 On and Off Control
TThe EN/UVLO pin controls the state of the switch. EN/UVLO is active high and has a low threshold, making it
capable of interfacing with low-voltage signals. The EN/UVLO pin is compatible with standard GPIO logic
threshold. It can be used with any microcontroller with 1.2 V or higher GPIO voltage. This pin cannot be left
floating and must be driven either high or low for proper functionality.
9.3.2 Quick Output Discharge (QOD)
The TPS22810 includes a QOD feature. The QOD pin can be configured in one of three ways:
QOD pin shorted to VOUT pin. Using this method, the discharge rate after the switch becomes disabled is
controlled with the value of the internal resistance RPD. The value of this resistance is listed in the Electrical
Characteristics table.
QOD pin connected to VOUT pin using an external resistor REXT. After the switch becomes disabled, the
discharge rate is controlled by the value of the total resistance of the QOD. To adjust the total QOD
resistance, Equation 1 can be used.
RQOD = RPD + REXT
where
RQOD is the total output discharge resistance
RPD is the internal pulldown resistance
REXT is the external resistance placed between the VOUT and QOD pin.
(1)


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com