Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22810_17 Datasheet HTML 1Page - Texas Instruments TPS22810_17 Datasheet HTML 2Page - Texas Instruments TPS22810_17 Datasheet HTML 3Page - Texas Instruments TPS22810_17 Datasheet HTML 4Page - Texas Instruments TPS22810_17 Datasheet HTML 5Page - Texas Instruments TPS22810_17 Datasheet HTML 6Page - Texas Instruments TPS22810_17 Datasheet HTML 7Page - Texas Instruments TPS22810_17 Datasheet HTML 8Page - Texas Instruments TPS22810_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Power
Supply
EN/
UVLO
GND
VIN
CT
VOUT
OFF
ON
TPS22810
QOD
Copyright © 2016, Texas Instruments Incorporated
CL
RL
CIN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22810
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
1
1 Features
1
Integrated Single Channel Load Switch
Ambient Operating Temperature:
–40°C to +105°C
SOT23-6 (DBV): 2-A Maximum Continuous
Current 1
WSON (DRV): 3-A Maximum Continuous
Current 1
Input Voltage Range: 2.7 V to 18 V
Absolute Maximum Input Voltage: 20 V
On-Resistance (RON)
RON = 79 mΩ (typical) at VIN = 12 V
Quiescent Current
62 µA (typical) at VIN = 12 V
Shutdown Current
500 nA (typical) at VIN = 12 V
Thermal Shutdown
Undervoltage Lock-Out (UVLO)
Adjustable Quick Output Discharge (QOD)
Configurable Rise Time With CT Pin
SOT23-6 Package
2.9-mm × 2.8-mm, 0.95-mm Pitch,
1.45-mm Height (DBV)
WSON Package
2-mm × 2-mm, 0.65-mm Pitch,
0.75-mm Height (DRV)
ESD Performance Tested per JESD 22
±2-kV HBM and ±1-kV CDM
(1)
Thermal performance must be considered
2 Applications
HD TV
Industrial Systems
Set Top Box
Surveillance systems
3 Description
The TPS22810 is a single channel load switch with
configurable rise time and with an integrated quick
output discharge (QOD). In addition, the device
features thermal shutdown to protect the device
against high junction temperature. Because of this,
safe operating area of the device is inherently
ensured. The device contains an N-channel MOSFET
that can operate over an input voltage range of 2.7 V
to 18 V. SOT23-5 (DBV) package can support a
maximum current of 2 A. WSON (DRV) package can
support a maximum current of 3 A. The switch is
controlled by an on and off input, which is capable of
interfacing directly with low-voltage control signals.
The configurable rise time of the device greatly
reduces inrush current caused by large bulk load
capacitances, thereby reducing or eliminating power
supply droop. Undervoltage lock-out is used to turn
off the device if the VIN voltage drops below a
threshold
value,
ensuring
that
the
downstream
circuitry is not damaged by being supplied by a
voltage lower than intended. The configurable QOD
pin controls the fall time of the device to allow design
flexibility for power down.
The TPS22810 is available in a leaded, SOT-23
package (DBV) which allows to visually inspect solder
joints, as well as a WSON package (DRV). The
device is characterized for operation over the free-air
temperature range of –40
˚C to +105˚C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22810
SOT-23 (6)
2.90 mm × 2.80 mm
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com