Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 5Page - Texas Instruments TPS22810_17 Datasheet HTML 6Page - Texas Instruments TPS22810_17 Datasheet HTML 7Page - Texas Instruments TPS22810_17 Datasheet HTML 8Page - Texas Instruments TPS22810_17 Datasheet HTML 9Page - Texas Instruments TPS22810_17 Datasheet HTML 10Page - Texas Instruments TPS22810_17 Datasheet HTML 11Page - Texas Instruments TPS22810_17 Datasheet HTML 12Page - Texas Instruments TPS22810_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
VIN
VON
VOUT
IIN
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
100
150
200
250
300
350
400
450
500
550
600
D012
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D010
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D011
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
D008
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
20
40
60
80
100
120
140
160
180
200
D009
-40qC
25qC
85qC
105qC
9
TPS22810
www.ti.com
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.8 Typical AC Characteristics
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
CT = 2200 pF
Figure 7. VOUT Rise Time (tR) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
CT = 2200 pF
Figure 8. Delay Time (tD) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
Figure 9. VOUT Fall Time (tF) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
Figure 10. Turnoff Time (tOFF) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
CT = 2200 pF
Figure 11. Turnon Time (tON) vs Input Voltage
VIN = 5 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 2200 pF
Figure 12. Rise Time tR at VIN = 5 V


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com