Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 4Page - Texas Instruments TPS22810_17 Datasheet HTML 5Page - Texas Instruments TPS22810_17 Datasheet HTML 6Page - Texas Instruments TPS22810_17 Datasheet HTML 7Page - Texas Instruments TPS22810_17 Datasheet HTML 8Page - Texas Instruments TPS22810_17 Datasheet HTML 9Page - Texas Instruments TPS22810_17 Datasheet HTML 10Page - Texas Instruments TPS22810_17 Datasheet HTML 11Page - Texas Instruments TPS22810_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
1.105
1.11
1.115
1.12
1.125
1.13
1.135
1.14
1.145
1.15
1.155
D006
-40 qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
50
100
150
200
250
300
350
400
450
D007
-40qC
25qC
85qC
105qC
Temperature (qC)
-40
-20
0
20
40
60
80
100
40
50
60
70
80
90
100
110
120
130
140
D003
VIN = 2.7 V
VIN = 3.3 V
VIN t 5 V
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
20
40
60
80
100
120
140
160
D004
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
10
20
30
40
50
60
70
80
90
D001
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D002
-40qC
25qC
85qC
105qC
8
TPS22810
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.7 Typical DC Characteristics
VEN/UVLO = 5 V
IOUT = 0 A
Figure 1. Quiescent Current vs Input Voltage
VEN/UVLO = 0 V
IOUT = 0 A
Figure 2. Shutdown Current vs Input Voltage
VEN/UVLO = 5 V
IOUT = –200 mA
Figure 3. On-Resistance vs Temperature
VEN/UVLO = 5 V
IOUT = –200 mA
Figure 4. On-Resistance vs Input Voltage
IOUT = 0 A
Figure 5. EN VIL vs Input Voltage
VIN = VOUT
VEN/UVLO = 0 V
Figure 6. Output Pull-Down Resistance vs Input Voltage


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com