Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22810_17 Datasheet HTML 1Page - Texas Instruments TPS22810_17 Datasheet HTML 2Page - Texas Instruments TPS22810_17 Datasheet HTML 3Page - Texas Instruments TPS22810_17 Datasheet HTML 4Page - Texas Instruments TPS22810_17 Datasheet HTML 5Page - Texas Instruments TPS22810_17 Datasheet HTML 6Page - Texas Instruments TPS22810_17 Datasheet HTML 7Page - Texas Instruments TPS22810_17 Datasheet HTML 8Page - Texas Instruments TPS22810_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
VIN
VOUT
CT
EN/UVLO
GND
QOD
1
2
3
6
5
4
VOUT
CT
QOD
VIN
GND
EN/UVLO
1
3
2
6
4
5
3
TPS22810
www.ti.com
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RON at 12 V
Package
QUICK OUTPUT
DISCHARGE
TA
MAXIMUM
OUTPUT
CURRENT
ENABLE
TPS22810
79 m
DBV
Configurable
105°C
2 A
Active High
TPS22810
79 m
DRV
Configurable
105°C
3 A
Active High
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
DRV Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO,
SOT23
WSON
CT
4
3
O
Switch slew rate control. Can be left floating
EN/UVLO
3
5
I
Active high switch control input and UVLO adjustment. Do not leave
floating
GND
2
4
Device ground
QOD
5
2
O
Quick Output Discharge pin. This functionality can be enabled in one
of three ways.
Placing an external resistor between VOUT and QOD
Tying QOD directly to VOUT and using the internal resistor value
(RPD)
Disabling QOD by leaving pin floating
See the Quick Output Discharge (QOD) for more information
VIN
1
6
I
Switch input. Place ceramic bypass capacitor(s) between this pin and
GND
VOUT
6
1
O
Switch output


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com