Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 17Page - Texas Instruments TPS22810_17 Datasheet HTML 18Page - Texas Instruments TPS22810_17 Datasheet HTML 19Page - Texas Instruments TPS22810_17 Datasheet HTML 20Page - Texas Instruments TPS22810_17 Datasheet HTML 21Page - Texas Instruments TPS22810_17 Datasheet HTML 22Page - Texas Instruments TPS22810_17 Datasheet HTML 23Page - Texas Instruments TPS22810_17 Datasheet HTML 24Page - Texas Instruments TPS22810_17 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
OUT
INRUSH
L
dV
I
C
dt
=
´
VIN
VON
VOUT
VIN
VON
VOUT
21
TPS22810
www.ti.com
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
VIN = 12 V
CIN = 1 µF
CL = 22 µF
Figure 26. tF at VIN = 12 V, RQOD = 500 Ω
VIN = 12 V
CIN = 1 µF
CL = 22 µF
Figure 27. tF at VIN = 12 V, QOD = VOUT
10.2.2.2 VIN to VOUT Voltage Drop
The VIN to VOUT voltage drop in the device is determined by the RON of the device and the load current. The
RON of the device depends upon the VIN conditions of the device. Refer to the RON specification of the device in
the Electrical Characteristics table of this datasheet. Once the RON of the device is determined based upon the
VIN conditions, use Equation 8 to calculate the VIN to VOUT voltage drop.
∆V = ILOAD × RON
where
ΔV is the voltage drop from VIN to VOUT
ILOAD is the load current
RON is the On-resistance of the device for a specific VIN
(8)
An appropriate ILOAD must be chosen such that the IMAX specification of the device is not violated.
10.2.2.3 Inrush Current
To determine how much inrush current is caused by the CL capacitor, use Equation 9.
where
IINRUSH is the amount of inrush caused by CL
CL is the capacitance on VOUT
dt is the Output Voltage rise time during the ramp up of VOUT when the device is enabled
dVOUT is the change in VOUT during the ramp up of VOUT when the device is enabled
(9)
The appropriate rise time can be calculated using the design requirements and the inrush current equation. As
we calculate the rise time (measured from 10% to 90% of VOUT), we account for this in our dVOUT parameter
(80% of VOUT = 9.6 V) as shown in Equation 10 and Equation 11.
400 mA = 22 µF × 9.6 V/dt
(10)
dt = 528 µs
(11)
To ensure an inrush current of less than 400 mA, choose a CT value that yields a rise time of more than 528 μs.
Consulting Table 2 at VIN = 12 V, CT = 4700 pF provides a typical rise time of 957 μs. Using this rise time and
voltage into Equation 9, yields Equation 12 and Equation 13.
IInrush = 22 µF × 9.6 V/ 957 µs
(12)
Inrush = 220 mA
(13)


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com