Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 16Page - Texas Instruments TPS22810_17 Datasheet HTML 17Page - Texas Instruments TPS22810_17 Datasheet HTML 18Page - Texas Instruments TPS22810_17 Datasheet HTML 19Page - Texas Instruments TPS22810_17 Datasheet HTML 20Page - Texas Instruments TPS22810_17 Datasheet HTML 21Page - Texas Instruments TPS22810_17 Datasheet HTML 22Page - Texas Instruments TPS22810_17 Datasheet HTML 23Page - Texas Instruments TPS22810_17 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
VIN
VON
VOUT
VIN
VON
VOUT
VIN
VON
VOUT
VIN
VON
VOUT
20
TPS22810
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
VIN = 12 V
CIN = 1 µF
CL = 10 µF
Figure 22. Fall Time tF at VIN = 12 V, RQOD = 1000 Ω
VIN = 12 V
CIN = 1 µF
CL = 10 µF
Figure 23. Fall Time tF at VIN = 12 V, RQOD = 500 Ω
VIN = 12 V
CIN = 1 µF
CL = 10 µF
Figure 24. tF at VIN = 12 V , QOD = VOUT
VIN = 12 V
CIN = 1 µF
CL = 22 µF
Figure 25. tF at VIN = 12 V, RQOD = 1000 Ω


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com