Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS22810
Description  2.7-18-V, On-Resistance Load Switch With Thermal Protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS22810_17 Datasheet HTML 15Page - Texas Instruments TPS22810_17 Datasheet HTML 16Page - Texas Instruments TPS22810_17 Datasheet HTML 17Page - Texas Instruments TPS22810_17 Datasheet HTML 18Page - Texas Instruments TPS22810_17 Datasheet HTML 19Page - Texas Instruments TPS22810_17 Datasheet HTML 20Page - Texas Instruments TPS22810_17 Datasheet HTML 21Page - Texas Instruments TPS22810_17 Datasheet HTML 22Page - Texas Instruments TPS22810_17 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
QOD
(20ms)/(R
(22 F))
1.2V
10.8V e
u
P
u
19
TPS22810
www.ti.com
SLVSDH0B – DECEMBER 2016 – REVISED MAY 2017
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.1 Design Requirements
For this design example, use the values listed in Table 4 as the design parameters:
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VIN
12 V
Load current
2 A
CL
22 µF
Desired fall time
20 ms
Maximum acceptable inrush current
400 mA
10.2.2 Detailed Design Procedure
10.2.2.1 Shutdown Sequencing During Unexpected Power Loss
Using the adjustable Quick Output Discharge function of the TPS22810, adding a load switch to each power rail
can be used to manage the power down sequencing in the event of an unexpected power loss (that is battery
removal). To determine the QOD values for each load switch, first confirm the power down order of the device
you wish to power sequence. Be sure to check if there are voltage or timing margins that must be maintained
during power down. Next, consult Table 1 to determine appropriate CL and RQOD values for each power rail's
load switch so that the load switches' fall times correspond to the order in which they need to be powered down.
In the above example, we must have this power rail's fall time to be 4 ms. Using Equation 2, we can determine
the appropriate RQOD to achieve our desired fall time.
Since fall times are measured from 90% of VOUT to 10% of VOUT, using Equation 2, we get Equation 4 and
Equation 5.
(4)
RQOD = 413.7 Ω
(5)
Consulting Figure 6, RPD at VIN = 12 V is approximately 250 Ω. Using Equation 1, the required external QOD
resistance can be calculated as shown in Equation 6 and Equation 7.
413.7 Ω = 250 Ω + REXT
(6)
REXT = 163.7 Ω
(7)
Figure 22 through Figure 25 are scope shots demonstrating an example of the QOD functionality when power is
removed from the device (both ON and VIN are disconnected simultaneously). In the scope shots, the VIN = 12 V
and correspond to when RQOD = 1000 Ω, RQOD= 500 Ω, and QOD = VOUT with two values of CL = 10 µF and 22
µF.


Similar Part No. - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810DBVT TI1-TPS22810DBVT Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810TDBVRQ1 TI1-TPS22810TDBVRQ1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810_17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com